công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MS3451 bảng dữ liệu(PDF) 30 Page - Amphenol Corporation

tên linh kiện MS3451
Giải thích chi tiết về linh kiện  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3451 bảng dữ liệu(HTML) 30 Page - Amphenol Corporation

Back Button MS3451 Datasheet HTML 23Page - Amphenol Corporation MS3451 Datasheet HTML 24Page - Amphenol Corporation MS3451 Datasheet HTML 25Page - Amphenol Corporation MS3451 Datasheet HTML 26Page - Amphenol Corporation MS3451 Datasheet HTML 27Page - Amphenol Corporation MS3451 Datasheet HTML 28Page - Amphenol Corporation MS3451 Datasheet HTML 29Page - Amphenol Corporation MS3451 Datasheet HTML 30Page - Amphenol Corporation MS3451 Datasheet HTML 31Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
29
HOW TO ORDER BY MILITARY PART NUMBER
MIL-DTL-5015 CONNECTORS
WITH REAR RELEASE CRIMP CONTACTS
MS
3456
L
16S –8
P
W
123
4
5
6
7
1.
Connector Type
MS designates Military Standard
2.
Connector Style
THREADED COUPLING CONNECTORS
3450
wall mounting receptacle
3451
cable connecting receptacle
3452
box mounting receptacle
3454
jam nut receptacle
3456
straight plug
3459
straight plug with self-locking coupling nut
3.
Service Class
L
aluminum shell, electroless nickel finish, fluid resis-
tant insert
W
aluminum shell, cadmium olive drab finish, fluid
resistant insert
LS
stainless steel shell, passivated, fluid resistant
insert
KT
firewall, steel shell, cadmium olive drab finish, non-
flammable hard dielectric and fluid resistant insert
KS
firewall, stainless steel shell, passivated, non-flam-
mable hard dielectric and fluid resistant insert
Note:
Class L inactivates older Class U.
Class K is inactive and has been replaced by Class KT for all
applications.
4., 5. Shell size and insert arrangement - See tables on pages
11 and 12 and pattern drawings that follow.
6.
Contact Types
P designates pin
S designates socket
A designates less pins
B designates less sockets
Note:
Use A & B only when other than a full complement of power con-
tacts is to be installed.
7.
Insert Rotation
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell
from normal position. No letter required for normal (no
rotation) position. See page 13 for description of alternate
positions.
MS/Standard
how to order
HOW TO ORDER BY PROPRIETARY PART NUMBER
MIL-DTL-5015 CONNECTORS
WITH REAR RELEASE CRIMP CONTACTS
944
6
F
16S –8
P
W
***
12
3
4
56
7
8
1.
Connector Type
944 designates Amphenol®/Matrix® Series Number
2.
Connector Style
THREADED COUPLING CONNECTORS
9440
wall mounting receptacle
9441
cable connecting receptacle
9442
box mounting receptacle
9444
jam nut receptacle
9446
straight plug
9816
straight plug with self-locking coupling nut
9817
quick disconnect plug with lanyard
9818
quick disconnect plug without lanyard
3.
Service Class
A
aluminum shell, black anodize finish, fluid resistant
insert (not MIL-Spec)
F
aluminum shell, electroless nickel finish, fluid resis-
tant insert
W
aluminum shell, cadmium olive drab finish, fluid
resistant insert
FS
stainless steel shell, passivated, fluid resistant
insert
RS
fluid resistant insert
KT
firewall, steel shell, cadmium/olive drab finish, non-
flammable hard dielectric and fluid resistant insert
KS
firewall, stainless steel shell, passivated, non-flam-
mable hard dielectric and fluid resistant insert
4., 5. Shell size and insert arrangement - See tables on pages
11 and 12 and pattern drawings that follow.
6.
Contact Types
P designates pin
S designates socket
7.
Insert Rotation
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell
from normal position. No letter required for normal (no
rotation) position. See page 13 for description of alternate
positions.
8.
Modification Number
Consult Amphenol, Sidney, NY for information.
For strain reliefs use the following modification codes:
(189)
E-nut M85049/31 configuration
(190)
Straight strain relief M85049/52 configuration
(191)
90° strain relief M85049/51 configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com