công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC6201P352PR bảng dữ liệu(PDF) 23 Page - Torex Semiconductor

tên linh kiện XC6201P352PR
Giải thích chi tiết về linh kiện  Positive Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P352PR bảng dữ liệu(HTML) 23 Page - Torex Semiconductor

Back Button XC6201P352PR Datasheet HTML 16Page - Torex Semiconductor XC6201P352PR Datasheet HTML 17Page - Torex Semiconductor XC6201P352PR Datasheet HTML 18Page - Torex Semiconductor XC6201P352PR Datasheet HTML 19Page - Torex Semiconductor XC6201P352PR Datasheet HTML 20Page - Torex Semiconductor XC6201P352PR Datasheet HTML 21Page - Torex Semiconductor XC6201P352PR Datasheet HTML 22Page - Torex Semiconductor XC6201P352PR Datasheet HTML 23Page - Torex Semiconductor XC6201P352PR Datasheet HTML 24Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23/24
XC6201
Series
MARK
PRODUCT SERIES
P
XC6201Pxxxxx
T
XC6201Txxxxx
MARK
②
③
VOLTAGE (V)
PRODUCT SERIES
3
3
3.3
XC6201Px33xx
5
0
5.0
XC6201Px50xx
MARK
DETECT VOLTAGE ACCURACY
PRODUCT SERIES
1
Within ±1%
XC6201Pxx1xx
2
Within ±2%
XC6201Pxx2xx
MARK
PRODUCTION YEAR
3
2003
4
2004
MARK
①
②
PRODUCT SERIES
0
1
XC6201xxxxDx
MARK
TYPE
PRODUCT SERIES
P
3pin Regulator
XC6201PxxxDx
T
VIN=7V(Rated)
XC6201TxxxDx
MARK
④
⑤
VOLTAGE (V)
PRODUCT SERIES
3
3
3.3
XC6201x33xDx
5
0
5.0
XC6201x50xDx
●
TO-92
①
represents type of regulator
⑤
represents least significant digit of production year
②③
represents output voltage
④
represents detect voltage accuracy
⑥
represents the production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excluded)
Note: No character inversion used.
●
USP-6B
①②
represents product series
③
represents type of regulator
④⑤
represents output voltage
■
MARKING RULE (Continued)
USP-6B
(TOP VIEW)
⑥
represents assembly lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excluded)
Note: No character inversion used.
(SIDE VIEW)
(SIDE VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com