| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
I2CADD bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
I2CADD bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 210 page ![]() © 2010 Microchip Technology Inc. DS70139G-page 15 dsPIC30F2011/2012/3012/3013 FIGURE 1-4: dsPIC30F3013 BLOCK DIAGRAM AN8/OC1/RB8 AN9/OC2/RB9 Power-up Timer Oscillator Start-up Timer POR/BOR Reset Watchdog Timer Instruction Decode & Control OSC1/CLKI MCLR VDD, VSS AN4/CN6/RB4 Low-Voltage Detect UART1, Timing Generation AN5/CN7/RB5 16 PCH PCL Program Counter ALU<16> 16 24 24 24 24 X Data Bus IR I2C™ AN6/OCFA/RB6 EMUD2/AN7/RB7 PCU 12-bit ADC Timers U2TX/CN18/RF5 SCK1/INT0/RF6 Input Capture Module Output Compare Module EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 EMUD3/AN0/VREF+/CN2/RB0 PORTB PGC/EMUC/U1RX/SDI1/SDA/RF2 PGD/EMUD/U1TX/SDO1/SCL/RF3 PORTD 16 16 16 16 x 16 W Reg Array Divide Unit Engine DSP Decode ROM Latch 16 Y Data Bus Effective Address X RAGU X WAGU Y AGU AN2/SS1/LVDIN/CN4/RB2 AN3/CN5/RB3 OSC2/CLKO/RC15 U2RX/CN17/RF4 AVDD, AVSS UART2 16 16 16 16 16 PORTC PORTF 16 16 16 16 8 Interrupt Controller PSV & Table Data Access Control Block Stack Control Logic Loop Control Logic Data Latch Data Latch Y Data (1 Kbytes) RAM X Data RAM Address Latch Address Latch EMUC2/IC1/INT1/RD8 IC2/INT2/RD9 16 EMUC3/AN1/VREF-/CN3/RB1 SPI1 16 (1 Kbytes) Address Latch Program Memory (24 Kbytes) Data Latch Data EEPROM (1 Kbytes) |