công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

I2CADD bảng dữ liệu(PDF) 62 Page - Microchip Technology

tên linh kiện I2CADD
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CADD bảng dữ liệu(HTML) 62 Page - Microchip Technology

Back Button I2CADD Datasheet HTML 58Page - Microchip Technology I2CADD Datasheet HTML 59Page - Microchip Technology I2CADD Datasheet HTML 60Page - Microchip Technology I2CADD Datasheet HTML 61Page - Microchip Technology I2CADD Datasheet HTML 62Page - Microchip Technology I2CADD Datasheet HTML 63Page - Microchip Technology I2CADD Datasheet HTML 64Page - Microchip Technology I2CADD Datasheet HTML 65Page - Microchip Technology I2CADD Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 210 page
background image
TABLE 7-5:
PORTD REGISTER MAP FOR dsPIC30F2012/3013
TABLE 7-6:
PORTF REGISTER MAP FOR dsPIC30F2012/3013
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISD
02D2
—
—
—
—
—
—
TRISD9
TRISD8
—
—
—
—
—
—
—
—
0000 0011 0000 0000
PORTD
02D4
—
—
—
—
—
—
RD9
RD8
—
—
—
—
—
—
—
—
0000 0000 0000 0000
LATD
02D6
—
—
—
—
—
—LATD9
LATD8
—
—
—
—
—
—
—
—
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISF
02DE
—
—
—
—
—
—
—
—
—
TRISF6
TRISF5
TRISF4
TRISF3
TRISF2
—
—
0000 0000 0111 1100
PORTF
02E0
—
—
—
—
—
—
—
—
—
RF6
RF5
RF4
RF3
RF2
—
—
0000 0000 0000 0000
LATF
02E2
—
—
—
—
—
—
—
—
—
LATF6
LATF5
LATF4
LATF3
LATF2
—
—
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note:
The dsPIC30F2011/3012 devices do not have TRISF, PORTF, or LATF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More