| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
I2CTRN bảng dữ liệu(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
I2CTRN bảng dữ liệu(HTML) 76 Page - Microchip Technology |
|
76 / 210 page ![]() TABLE 9-1: TIMER1 REGISTER MAP SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TMR1 0100 Timer1 Register uuuu uuuu uuuu uuuu PR1 0102 Period Register 1 1111 1111 1111 1111 T1CON 0104 TON —TSIDL — — — — — — TGATE TCKPS1 TCKPS0 — TSYNC TCS — 0000 0000 0000 0000 Legend: u = uninitialized bit; — = unimplemented bit, read as ‘0’ Note: Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |