| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
I2CTRN bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
I2CTRN bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 210 page ![]() © 2010 Microchip Technology Inc. DS70139G-page 7 dsPIC30F2011/2012/3012/3013 Pin Diagram 44 43 42 41 40 39 38 37 36 35 12 13 14 15 16 17 18 19 20 21 3 30 29 28 27 26 25 24 23 4 5 7 8 9 10 11 1 2 32 31 NC NC NC NC NC NC VDD NC VSS PGC/EMUC/AN5/U1RX/SDI1/SDA/CN7/RB5 AN2/SS1/LVDIN/CN4/RB2 NC AN3/CN5/RB3 NC NC NC VSS OSC1/CLKI OSC2/CLKO/RC15 6 22 33 34 NC NC VSS dsPIC30F3012 44-Pin QFN(1) Note 1: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally. |