công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF20V8BQL bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện ATF20V8BQL
Giải thích chi tiết về linh kiện  High- Performance EE PLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQL bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

Back Button ATF20V8BQL Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 9Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 10Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ATF20V8B
7
Note:
1. Only applicable for version 3.4 or lower.
ATF20V8B Registered Mode
PAL Device Emulation / PAL Replacement
The registered mode is used if one or more registers are
required. Each macrocell can be configured as either a reg-
istered or combinatorial output or I/O, or as an input. For a
registered output or I/O, the output is enabled by the OE
pin, and the register is clocked by the CLK pin. Eight prod-
uct terms are allocated to the sum term. For a combinato-
rial output or I/O, the output enable is controlled by a
product term, and seven product terms are allocated to the
sum term. When the macrocell is configured as an input,
the output enable is permanently disabled.
Any register usage will make the compiler select this mode.
The following registered devices can be emulated using
this mode:
20R8 20RP8
20R6 20RP6
20R4 20RP4
Registered Mode Operation
Compiler Mode Selection
Registered
Complex
Simple
Auto Select
ABEL, Atmel-ABEL
P20V8R
P20V8C
P20V8
P20V8
CUPL
G20V8MS
G20V8MA
G20V8
G20V8A
LOG/iC
GAL20V8_R(1)
GAL20V8_C7(1)
GAL20V8_C8(1)
GAL20V8
OrCAD-PLD
“Registered”
“Complex”
“Simple”
GAL20V8
PLDesigner
P20V8
P20V8
P20V8
P20V8
Tango-PLD
G20V8
G20V8
G20V8
G20V8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17