công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G3VM3F bảng dữ liệu(PDF) 20 Page - Omron Electronics LLC

tên linh kiện G3VM3F
Giải thích chi tiết về linh kiện  Wide Range of Contact Forms, Sizes and Package Types
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM3F bảng dữ liệu(HTML) 20 Page - Omron Electronics LLC

Back Button G3VM3F Datasheet HTML 16Page - Omron Electronics LLC G3VM3F Datasheet HTML 17Page - Omron Electronics LLC G3VM3F Datasheet HTML 18Page - Omron Electronics LLC G3VM3F Datasheet HTML 19Page - Omron Electronics LLC G3VM3F Datasheet HTML 20Page - Omron Electronics LLC G3VM3F Datasheet HTML 21Page - Omron Electronics LLC G3VM3F Datasheet HTML 22Page - Omron Electronics LLC G3VM3F Datasheet HTML 23Page - Omron Electronics LLC G3VM3F Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
42
MOS FET Relays
G3VM Series
G3VM-61CP
Maximum Rating
Electrical Characteristics
Parameter
Comments and conditions
G3VM-61CP
Contact form/no. of terminals
—
1 Form A/8 pins
Input (LED)
LED forward current
I
F
Typical
50 mA
I
FP (100 µs pulse, 100 pps)
Max.
1 A
Forward current derating
Ta
≥ 25°C
-0.5 mA/
°C
Reverse voltage
V
R
Max.
6 V
Junction temperature (T
J)125°C
Output (Detector)
Output voltage strength
V
OFF
60 V
Continuous load current
I
O
500 mA
ON-state current derating
Ta
≥ 25°C
-5.0 mA/
°C
Junction temperature (T
J)125°C
Dielectric strength
V
I/O for 1 minute min.
2500 VAC
Temperature
Ambient
Ta with no icing
-40
° to +85°C
Storage
Tstg with no icing
-55
° to +125°C
Parameter
Comments and conditions
G3VM-61CP
Input
LED forward voltage (V
F)IF=10 mA
Min.
1.0 V
Typical
1.2 V
Max.
1.4 V
Reverse current
I
R
Max.
15
µA
Reverse voltage
V
R
Max.
6 V
Capacitance (C
T)V = 0;
freq. = 1 MHz
Typical
15 pF
Keep ON LED current (I
FT)At IO
Typical
—
Max.
5 mA
Output
ON-resistance (R
ON)IF=5 mA
Typical
0.3
Ω (I
ON=500 mA)
Max.
0.6
Ω (I
ON=500 mA)
Typical
—
Max.
—
Typical
—
Max.
—
OFF-state leakage current (I
LEAK)At VOFF
Max.
1.0
µA
Capacitance
COFF
Typical
200 pF
Max.
500 pF
Transfer characteristics
I/O capacitance
(C
I/O)
Typical
0.8 pF
I/O resistance
(R
IO)
Min.
1000 M
Ω
Operate time
(t
ON)Max.
2.0 ms
Release time
(t
OFF)Max.
0.5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com