công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G3VM3F bảng dữ liệu(PDF) 16 Page - Omron Electronics LLC

tên linh kiện G3VM3F
Giải thích chi tiết về linh kiện  Wide Range of Contact Forms, Sizes and Package Types
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM3F bảng dữ liệu(HTML) 16 Page - Omron Electronics LLC

Back Button G3VM3F Datasheet HTML 12Page - Omron Electronics LLC G3VM3F Datasheet HTML 13Page - Omron Electronics LLC G3VM3F Datasheet HTML 14Page - Omron Electronics LLC G3VM3F Datasheet HTML 15Page - Omron Electronics LLC G3VM3F Datasheet HTML 16Page - Omron Electronics LLC G3VM3F Datasheet HTML 17Page - Omron Electronics LLC G3VM3F Datasheet HTML 18Page - Omron Electronics LLC G3VM3F Datasheet HTML 19Page - Omron Electronics LLC G3VM3F Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
38
MOS FET Relays
G3VM Series
G3VM-401BY, -601BY, -61B
Maximum Rating
Electrical Characteristics
Parameter
Comments and conditions
G3VM-401BY
G3VM-601BY
G3VM-61B
Contact form/no. of terminals
—
1 Form A/6 pins
1 Form A/6 pins
1 Form A/6 pins
Input (LED)
LED forward current
I
F
Typical
50 mA
50 mA
50 mA
I
FP (100 µs pulse,
100 pps)
Max.
1 A
1 A
1 A
Forward current
derating
Ta
≥ 25°C
-0.5 mA/
°C
-0.5 mA/
°C
-0.5 mA/
°C
Reverse voltage
V
R
Max.
5 V
5 V
5 V
Junction temperature (T
J)
125
°C
125
°C125°C
Output (Detector) Output voltage
strength
V
OFF
400 V
600 V
60 V
Continuous load
current
I
O
120 mA (for A)
120 mA (for B)
240 mA (for C)
100 mA (for A)
100 mA (for B)
200 mA (for C)
500 mA (for A)
500 mA (for B)
1000 mA (for C)
ON-state current
derating
Ta
≥ 25°C
-1.2 mA/
°C (for A)
-1.0 mA/
°C (for A)
-5.0 mA/
°C (for A)
Junction temperature (T
J)
125
°C
125
°C125°C
Dielectric strength
V
I/O for 1 minute min.
5000 VAC
5000 VAC
2500 VAC
Temperature
Ambient
Ta with no icing
-40
° to +85°C-40° to +85°C-40° to +85°C
Storage
Tstg with no icing
-55
° to +125°C-55° to +125°C-55° to +125°C
Parameter
Comments and conditions
G3VM-401BY
G3VM-601BY
G3VM-61B
Input
LED forward voltage
(V
F)
I
F=10 mA
Min.
1.0 V
1.0 V
1.0 V
Typical
1.15 V
1.15 V
1.15 V
Max.
1.3 V
1.3 V
1.3 V
Reverse current
I
R
Max.
10
µA
10
µA10 µA
Reverse voltage
V
R
Max.
5 V
5 V
5 V
Capacitance (C
T)V = 0;
freq. = 1 MHz
Typical
30 pF
30 pF
30 pF
Keep ON LED current
(I
FT)
At I
O
Typical
—
—
Max.
3 mA
5 mA
3 mA
Output
ON-resistance (R
ON)IF=5 mA
Typical
17
Ω (I
ON=120 mA)
for connection A
30
Ω (I
ON=100 mA) for
connection A
1
Ω (I
ON=500 mA) for
connection A
Max.
35
Ω (I
ON=120 mA)
for connection A
45
Ω (I
ON=100 mA) for
connection A
2
Ω (I
ON=500 mA) for
connection A
Typical
11
Ω (I
ON=120 mA)
for connection B
23
Ω (I
ON=100 mA) for
connection B
0.5
Ω (I
ON=500 mA) for
connection B
Max.
20
Ω (I
ON=120 mA)
for connection B
35
Ω (I
ON=100 mA) for
connection B
1
Ω (I
ON=500 mA) for
connection B
Typical
6
Ω (I
ON=240 mA)
for connection C
12
Ω (I
ON=200 mA) for
connection C
0.3
Ω (I
ON=1000 mA)
for connection C
Max.
10
Ω (I
ON=240 mA)
for connection C
18
Ω (I
ON=200 mA) for
connection C
—
OFF-state leakage
current (I
LEAK)
At V
OFF
Max.
1.0
µA1.0 µA1.0 µA
Limit current (I
LIM)IF = 5 mA, VDD = 5 V,
t = 5 ms
Min.
—
—
—
Max.
—
—
—
Transfer
characteristics
I/O capacitance
(C
I/O)
Typical
0.8 pF
0.8 pF
0.8 pF
I/O resistance
(R
IO)
Min.
1000 M
Ω
1000 M
Ω
1000 M
Ω
Operate time
(t
ON)
Max.
1.0 ms
1.5 ms
1.0 ms
Release time
(t
OFF)
Max.
1.0 ms
1.0 ms
1.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com