công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB321B-RI bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện AT45DB321B-RI
Giải thích chi tiết về linh kiện  32-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B-RI bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

Back Button AT45DB321B-RI Datasheet HTML 3Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 4Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 5Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 6Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 7Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 8Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 9Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 10Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
AT45DB321B
2223D–DFLASH–10/02
MAIN MEMORY PAGE PROGRAM THROUGH BUFFER: This operation is a combina-
tion of the Buffer Write and Buffer to Main Memory Page Program with Built-in Erase
operations. Data is first shifted into buffer 1 or buffer 2 from the SI pin and then pro-
grammed into a specified page in the main memory. To initiate the operation, an 8-bit
opcode, 82H for buffer 1 or 85H for buffer 2, must be followed by one reserved bit and
23 address bits. The 13 most significant address bits (PA12 - PA0) select the page in
the main memory where data is to be written, and the next ten address bits
(BFA9 - BFA0) select the first byte in the buffer to be written. After all address bits are
shifted in, the part will take data from the SI pin and store it in one of the data buffers. If
the end of the buffer is reached, the device will wrap around back to the beginning of the
buffer. When there is a low-to-high transition on the CS pin, the part will first erase the
selected page in main memory to all 1s and then program the data stored in the buffer
into the specified page in the main memory. Both the erase and the programming of the
page are internally self-timed and should take place in a maximum of time t
EP. During
this time, the status register will indicate that the part is busy.
Additional Commands
MAIN MEMORY PAGE TO BUFFER TRANSFER: A page of data can be transferred
from the main memory to either buffer 1 or buffer 2. To start the operation, an 8-bit
opcode, 53H for buffer 1 and 55H for buffer 2, must be followed by one reserved bit, 13
address bits (PA12 - PA0) which specify the page in main memory that is to be trans-
ferred, and ten don’t care bits. The CS pin must be low while toggling the SCK pin to
load the opcode, the address bits, and the don’t care bits from the SI pin. The transfer of
the page of data from the main memory to the buffer will begin when the CS pin transi-
tions from a low to a high state. During the transfer of a page of data (t
XFR), the status
register can be read to determine whether the transfer has been completed or not.
MAIN MEMORY PAGE TO BUFFER COMPARE: A page of data in main memory can
be compared to the data in buffer 1 or buffer 2. To initiate the operation, an 8-bit opcode,
60H for buffer 1 and 61H for buffer 2, must be followed by 24 address bits consisting of
one reserved bit, 13 address bits (PA12 - PA0) which specify the page in the main mem-
ory that is to be compared to the buffer, and ten don’t care bits. The CS pin must be low
while toggling the SCK pin to load the opcode, the address bits, and the don’t care bits
from the SI pin. On the low-to-high transition of the CS pin, the 528 bytes in the selected
main memory page will be compared with the 528 bytes in buffer 1 or buffer 2. During
this time (t
XFR), the status register will indicate that the part is busy. On completion of the
compare operation, bit 6 of the status register is updated with the result of the compare.
AUTO PAGE REWRITE: This mode is only needed if multiple bytes within a page or
multiple pages of data are modified in a random fashion. This mode is a combination of
two operations: Main Memory Page to Buffer Transfer and Buffer to Main Memory Page
Program with Built-in Erase. A page of data is first transferred from the main memory to
buffer 1 or buffer 2, and then the same data (from buffer 1 or buffer 2) is programmed
back into its original page of main memory. To start the rewrite operation, an 8-bit
opcode, 58H for buffer 1 or 59H for buffer 2, must be followed by one reserved bit, 13
address bits (PA12 - PA0) that specify the page in main memory to be rewritten, and ten
additional don’t care bits. When a low-to-high transition occurs on the CS pin, the part
will first transfer data from the page in main memory to a buffer and then program the
data from the buffer back into same page of main memory. The operation is internally
self-timed and should take place in a maximum time of t
EP. During this time, the status
register will indicate that the part is busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com