công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB321B-RI bảng dữ liệu(PDF) 8 Page - ATMEL Corporation

tên linh kiện AT45DB321B-RI
Giải thích chi tiết về linh kiện  32-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B-RI bảng dữ liệu(HTML) 8 Page - ATMEL Corporation

Back Button AT45DB321B-RI Datasheet HTML 4Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 5Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 6Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 7Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 8Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 9Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 10Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 11Page - ATMEL Corporation AT45DB321B-RI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
AT45DB321B
2223D–DFLASH–10/02
If a sector is programmed or reprogrammed sequentially page-by-page, then the pro-
gramming algorithm shown in Figure 1 on page 26 is recommended. Otherwise, if
multiple bytes in a page or several pages are programmed randomly in a sector, then
the programming algorithm shown in Figure 2 on page 27 is recommended. Each page
within a sector must be updated/rewritten at least once within every 10,000 cumulative
page erase/program operations in that sector.
Operation Mode
Summary
The modes described can be separated into two groups – modes which make use of the
Flash memory array (Group A) and modes which do not make use of the Flash memory
array (Group B).
Group A modes consist of:
1.
Main Memory Page Read
2.
Main Memory Page to Buffer 1 (or 2) Transfer
3.
Main Memory Page to Buffer 1 (or 2) Compare
4.
Buffer 1 (or 2) to Main Memory Page Program with Built-in Erase
5.
Buffer 1 (or 2) to Main Memory Page Program without Built-in Erase
6.
Page Erase
7.
Block Erase
8.
Main Memory Page Program through Buffer
9.
Auto Page Rewrite
Group B modes consist of:
1.
Buffer 1 (or 2) Read
2.
Buffer 1 (or 2) Write
3.
Status Register Read
If a Group A mode is in progress (not fully completed) then another mode in Group A
should not be started. However, during this time in which a Group A mode is in
progress, modes in Group B can be started.
This gives the Serial DataFlash the ability to virtually accommodate a continuous data
stream. While data is being programmed into main memory from buffer 1, data can be
loaded into buffer 2 (or vice versa). See application note AN-4 (“Using Atmel’s Serial
DataFlash”) for more details.
Pin Descriptions
SERIAL INPUT (SI): The SI pin is an input-only pin and is used to shift data into the
device. The SI pin is used for all data input including opcodes and address sequences.
SERIAL OUTPUT (SO): The SO pin is an output-only pin and is used to shift data out
from the device.
SERIAL CLOCK (SCK): The SCK pin is an input-only pin and is used to control the flow
of data to and from the DataFlash. Data is always clocked into the device on the rising
edge of SCK and clocked out of the device on the falling edge of SCK.
CHIP SELECT (CS): The DataFlash is selected when the CS pin is low. When the
device is not selected, data will not be accepted on the SI pin, and the SO pin will
remain in a high-impedance state. A high-to-low transition on the CS pin is required to
start an operation, and a low-to-high transition on the CS pin is required to end an
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com