| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45D021 bảng dữ liệu(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45D021 bảng dữ liệu(HTML) 14 Page - ATMEL Corporation |
|
14 / 18 page ![]() AT45D021 14 X (Don’t Care) r (reserved bits) Table 2. Buffer 1 to Main Memory Page Program with Built-In Erase Buffer 2 to Main Memory Page Program with Built-In Erase Buffer 1 to Main Memory Page Program without Built-In Erase Buffer 2 to Main Memory Page Program without Built-In Erase Main Memory Page Program Through Buffer 1 Main Memory Page Program Through Buffer 2 Auto Page Rewrite Through Buffer 1 Auto Page Rewrite Through Buffer 2 Status Register Opcode 83H 86H 88H 89H 82H 85H 58H 59H 57H 11111 100 0 00000 011 1 00000 000 0 00000 011 1 00110 011 0 01000 100 1 11001 000 1 10010 101 1 r rrrrrrr r rrrrrrr r rrrrrrr r rrrrrrr r rrrrrrr PA9 PA9 PA9 PA9 PA9 PA9 PA9 PA9 PA8 PA8 PA8 PA8 PA8 PA8 PA8 PA8 PA7 PA7 PA7 PA7 PA7 PA7 PA7 PA7 PA6 PA6 PA6 PA6 PA6 PA6 PA6 PA6 PA5 PA5 PA5 PA5 PA5 PA5 PA5 PA5 PA4 PA4 PA4 PA4 PA4 PA4 PA4 PA4 PA3 PA3 PA3 PA3 PA3 PA3 PA3 PA3 PA2 PA2 PA2 PA2 PA2 PA2 PA2 PA2 PA1 PA1 PA1 PA1 PA1 PA1 PA1 PA1 PA0 PA0 PA0 PA0 PA0 PA0 PA0 PA0 XX XX BA8 BA8 XX XX XX BA7 BA7 XX XX XX BA6 BA6 XX XX XX BA5 BA5 XX XX XX BA4 BA4 XX XX XX BA3 BA3 XX XX XX BA2 BA2 XX XX XX BA1 BA1 XX XX XX BA0 BA0 XX |