công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45D021 bảng dữ liệu(PDF) 8 Page - ATMEL Corporation

tên linh kiện AT45D021
Giải thích chi tiết về linh kiện  2-Megabit 5-volt Only Serial DataFlash
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D021 bảng dữ liệu(HTML) 8 Page - ATMEL Corporation

Back Button AT45D021 Datasheet HTML 4Page - ATMEL Corporation AT45D021 Datasheet HTML 5Page - ATMEL Corporation AT45D021 Datasheet HTML 6Page - ATMEL Corporation AT45D021 Datasheet HTML 7Page - ATMEL Corporation AT45D021 Datasheet HTML 8Page - ATMEL Corporation AT45D021 Datasheet HTML 9Page - ATMEL Corporation AT45D021 Datasheet HTML 10Page - ATMEL Corporation AT45D021 Datasheet HTML 11Page - ATMEL Corporation AT45D021 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AT45D021
8
Reset Timing (Inactive Clock Polarity Low Shown)
Command Sequence for Read/Write Operations (Except Status Register Read)
Notes:
1.
“r” designates bits reserved for larger densities.
2.
It is recommended that “r” be a logical “0” for densities of 2M bit or smaller.
3.
For densities larger than 2M bit, the “r” bits become the most significant Page Address bit for the appropriate density.
CS
SCK
RESET
SO
HIGH IMPEDANCE
HIGH IMPEDANCE
SI
tRST
tREC
tCSS
SI
CMD
8 bits
8 bits
8 bits
MSB
Reserved for
larger densities
Page Address
(PA9-PA0)
Byte/Buffer Address
(BA8-BA0/BFA8-BFA0)
LSB
r r r r
r X X X
X X X X X X X X
X X X X X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18