| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LS31MW883 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS31MW883 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 14 page ![]() DS26LS31MQML www.ti.com SNOSAM5B – AUGUST 2005 – REVISED APRIL 2013 DS26LS31M - 883 Electrical Characteristics DC Parameters (continued) Sub- Parameter Test Conditions Notes Min Max Unit groups VOL Logical "0" Output Voltage VCC = 4.5V, IOL = 20mA See(2) .5 V 1, 2, 3 IIH Logical "1" Input Current VCC = 5.5V, VIN = 2.7V See(2) 20 uA 1, 2, 3 IIL Logical "0" Input Current VCC = 5.5V, VIN = .4V See(2) -200 uA 1, 2, 3 II Input Reverse Current VCC = 5.5V, VIN = 7V See(2) .1 mA 1, 2, 3 VCC = 5.5V, VO = .5V See(2) -20 uA 1, 2, 3 IO TRI-STATE Output Current VCC = 5.5V, VO = 2.5V See(2) 20 uA 1, 2, 3 VIC Input Clamp Voltage VCC = 4.5V, IIN = -18mA See(2) -1.5 V 1, 2, 3 IOS (min) Output Short Circuit Current VCC = 5.5V See(2) -30 mA 1, 2, 3 IOS (max) Output Short Circuit Current VCC = 5.5V See(2) -150 mA 1, 2, 3 VCC = 5.5V, All Outputs Disabled or ICC Power Supply Current See(2) 60 mA 1, 2, 3 Active DS26LS31M - 883 Electrical Characteristics AC Parameters - Propagation Delay Time The following conditions apply, unless otherwise specified. VCC = 5V, CL = 50pF or equivalent impedance provided by diode load. Sub- Parameter Test Conditions Notes Min Max Unit groups 15 ns 9 See(1) and tPLH Input to Output (2) 30 ns 10, 11. 15 ns 9 See(1) and tPHL Input to Output (2) 30 ns 10, 11. 6 ns 9 See(1) and tSkew Output to Output (2) 9 ns 10, 11. 35 ns 9 See(1) and S2 Open, Enable (2) 53 ns 10, 11. tPLZ Enable to Output 35 ns 9 See(1) and S2 Open, /Enable (2) 53 ns 10, 11. 25 ns 9 See(1) and S1 Open, Enable (2) 45 ns 10, 11. tPHZ Enable to Output 25 ns 9 See(1) and S1 Open, /Enable (2) 45 ns 10, 11. 30 ns 9 See(1) and S2 Open, Enable (2) 68 ns 10, 11. tPZL Enable to Output 30 ns 9 See(1) and S2 Open, /Enable (2) 68 ns 10, 11. 30 ns 9 See(1) and S1 Open, Enable (2) 60 ns 10, 11. tPZH Enable to Output 30 ns 9 See(1) and S1 Open, /Enable (2) 60 ns 10, 11. (1) Subgroups 1, 2 and 9, 10: Power dissipation must be externally controlled at elevated temperatures. (2) Subgroup 10 and 11 specified but not tested. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: DS26LS31MQML |