công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26LS31MW883 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện AM26LS31MW883
Giải thích chi tiết về linh kiện  DS26LS31MQML Quad High Speed Differential Line Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31MW883 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  AM26LS31MW883 Datasheet HTML 1Page - Texas Instruments AM26LS31MW883 Datasheet HTML 2Page - Texas Instruments AM26LS31MW883 Datasheet HTML 3Page - Texas Instruments AM26LS31MW883 Datasheet HTML 4Page - Texas Instruments AM26LS31MW883 Datasheet HTML 5Page - Texas Instruments AM26LS31MW883 Datasheet HTML 6Page - Texas Instruments AM26LS31MW883 Datasheet HTML 7Page - Texas Instruments AM26LS31MW883 Datasheet HTML 8Page - Texas Instruments AM26LS31MW883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS26LS31MQML
SNOSAM5B – AUGUST 2005 – REVISED APRIL 2013
www.ti.com
DS26LS31M - SMD, QMLV and RH Electrical Characteristics AC Parameters - Propagation Delay
Time
The following conditions apply, unless otherwise specified. VCC = 5V, VIN = 1.3V to VO = 1.3V, V (pulse) = 0 to 3V.
(1)
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
20
ns
9
tPLH
Input to Output
CL = 30 pF
See(2)
30
ns
10, 11
20
ns
9
tPHL
Input to Output
CL = 30 pF
See(2)
30
ns
10, 11
6
ns
9
tSkew
Output to Output
CL = 30 pF
See(2)
9
ns
10, 11
35
ns
9
S2 Open, Enable, CL = 10 pF
See(2)
53
ns
10, 11
tPLZ
Enable to Output
35
ns
9
S2 Open, Enable, CL = 10 pF
See(2)
53
ns
10, 11
30
ns
9
S1 Open, Enable, CL = 10 pF
See(2)
45
ns
10, 11
tPHZ
Enable to Output
30
ns
9
S1 Open, Enable, CL = 10 pF
See(2)
45
ns
10, 11
45
ns
9
S2 Open, Enable, CL = 30 pF
See(2)
68
ns
10, 11
tPZL
Enable to Output
45
ns
9
S2 Open, Enable, CL = 30 pF
See(2)
68
ns
10, 11
40
ns
9
S1 Open, Enable, CL = 30 pF
See(2)
60
ns
10, 11
tPZH
Enable to Output
40
ns
9
S1 Open, Enable, CL = 30 pF
See(2)
60
ns
10, 11
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are ensured only for the conditions as specified in MIL-STD 883, Method 1019, Condition A.
(2)
Subgroups 1, 2 and 9, 10: Power dissipation must be externally controlled at elevated temperatures.
DS26LS31M - SMD, QMLV and RH Electrical Characteristics DC Parameters - Drift Values
The following conditions apply, unless otherwise specified. Delta calculations performed on QMLV only devices after burn-in
and at Group B5.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VOL
Output Low Voltage
VCC = 4.5, IOL = 20 mA
See(1)
-50
50
mV
1
VOH
Output High Voltage
VCC = 4.5, IOH = -20 mA
See(1)
-250
250
mV
1
VCC = 5.5, All outputs disabled or
ICC
Power Supply Current
See(1)
-8
8
mA
1
active
(1)
Subgroups 1, 2 and 9, 10: Power dissipation must be externally controlled at elevated temperatures.
DS26LS31M - 883 Electrical Characteristics DC Parameters
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
See(1) and
VIH
Logical "1" Input Voltage
2
V
1, 2, 3
(2)
See(1) and
VIL
Logical "0" Input Voltage
.8
V
1, 2, 3
(2)
VOH
Logical "1" Output Voltage
VCC = 4.5V, IOH = -20mA
See(2)
2.5
V
1, 2, 3
(1)
Parameter tested go-no-go only.
(2)
Subgroups 1, 2 and 9, 10: Power dissipation must be externally controlled at elevated temperatures.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS26LS31MQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com