| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3517 bảng dữ liệu(PDF) 28 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3517 bảng dữ liệu(HTML) 28 Page - ams AG |
|
28 / 94 page ![]() AS3517 V17 Data Sheet, Confidential © 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Register Description Table 23 Audio Converter Related Register Name Base Offset Description DAC_R 2-wire serial 0Eh DAC input volume settings DAC_L 2-wire serial 0Fh DAC input volume settings ADC_R 2-wire serial 10h ADC output volume settings, source multiplexer settings ADC_L 2-wire serial 11h ADC output volume settings I2S 2-wire serial 1Eh I2S master mode settings I2S_PLL_OSC 2-wire serial 1Dh I2S master mode and PLL settings AudioSet_1 2-wire serial 14h Enable/disable ADC AudioSet_2 2-wire serial 15h Enable/disable DAC and power save options AudioSet_3 2-wire serial 16h Enable/disable mixer input IRQ_ENRD_1 2-wire serial 25h Interrupt settings for LRCK changes DAC and ADC have to be enabled in register 14h first before other settings in register 0Eh to 11h can be programmed. Revision 1v3 27 - 93 |