| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F84A bảng dữ liệu(PDF) 297 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A bảng dữ liệu(HTML) 297 Page - Microchip Technology |
|
297 / 337 page ![]() © 1997 Microchip Technology Inc. DS30234D-page 297 PIC16C6X 25.7 28-Lead Ceramic CERDIP Dual In-line with Window (300 mil)) (JW) Package Group: Ceramic CERDIP Dual In-Line (CDP) Symbol Millimeters Inches Min Max Notes Min Max Notes α 0 ° 10 ° 0 ° 10 ° A 3.30 5.84 .130 0.230 A1 0.38 — 0.015 — A2 2.92 4.95 0.115 0.195 B 0.35 0.58 0.014 0.023 B1 1.14 1.78 Typical 0.045 0.070 Typical C 0.20 0.38 Typical 0.008 0.015 Typical D 34.54 37.72 1.360 1.485 D2 32.97 33.07 Reference 1.298 1.302 Reference E 7.62 8.25 0.300 0.325 E1 6.10 7.87 0.240 0.310 e 2.54 2.54 Typical 0.100 0.100 Typical eA 7.62 7.62 Reference 0.300 0.300 Reference eB — 11.43 — 0.450 L 2.92 5.08 0.115 0.200 N 2828 2828 D1 0.13 — 0.005 — N Pin No. 1 Indicator Area E1 E D B1 B D2 Base Plane Seating Plane D1 A1 A2 A L e1 α C eA eB |