công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP2C8A bảng dữ liệu(PDF) 44 Page - Altera Corporation

tên linh kiện EP2C8A
Giải thích chi tiết về linh kiện  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A bảng dữ liệu(HTML) 44 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 40Page - Altera Corporation EP2C8A Datasheet HTML 41Page - Altera Corporation EP2C8A Datasheet HTML 42Page - Altera Corporation EP2C8A Datasheet HTML 43Page - Altera Corporation EP2C8A Datasheet HTML 44Page - Altera Corporation EP2C8A Datasheet HTML 45Page - Altera Corporation EP2C8A Datasheet HTML 46Page - Altera Corporation EP2C8A Datasheet HTML 47Page - Altera Corporation EP2C8A Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 168 page
background image
2–32
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Embedded Multipliers
Figure 2–17. M4K RAM Block LAB Row Interface
f
For more information on Cyclone II embedded memory, see the
Cyclone II Memory Blocks chapter in Volume 1 of the Cyclone II Device
Handbook.
Embedded
Multipliers
Cyclone II devices have embedded multiplier blocks optimized for
multiplier-intensive digital signal processing (DSP) functions, such as
finite impulse response (FIR) filters, fast Fourier transform (FFT)
functions, and discrete cosine transform (DCT) functions. You can use the
embedded multiplier in one of two basic operational modes, depending
on the application needs:
■
One 18-bit multiplier
■
Up to two independent 9-bit multipliers
dataout
M4K RAM
Block
datain
address
16
16
16
Direct link
interconnect
from adjacent LAB
Direct link
interconnect
to adjacent LAB
Direct link
interconnect
from adjacent LAB
Direct link
interconnect
to adjacent LAB
M4K RAM Block Local
Interconnect Region
C4 Interconnects
R4 Interconnects
LAB Row Clocks
Clocks
Byte enable
Control
Signals
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More