| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1119 bảng dữ liệu(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1119 bảng dữ liệu(HTML) 20 Page - ams AG |
|
20 / 31 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1119 Revision 1.04 19 - 30 AS1119 Datasheet - Regi s t er Description In the blink register (see Table 13) every single LED can be set to blink. The blink period is set in the display option register (see Display Option Register (0x03) on page 23) . CS3, CS9, CS15 0x06 00000 110 LED 55 LED 54 LED 53 LED5 2 LED 51 LED 50 LED 49 LED 48 0x07 00000 111 X LED 62 LED 61 LED 60 LED 59 LED 58 LED 57 LED 56 CS4, CS10, CS16 0x08 00001 000 LED 71 LED 70 LED 69 LED6 8 LED 67 LED 66 LED 65 LED 64 0x09 00001 001 X LED 78 LED 77 LED 76 LED 75 LED 74 LED 73 LED 72 CS5, CS11, CS17 0x0A 00001 010 LED 87 LED 86 LED 85 LED8 4 LED 83 LED 82 LED 81 LED 80 0x0B 00001 011 X LED 94 LED 93 LED 92 LED 91 LED 90 LED 89 LED 88 Table 13. LEDs Blink Register Format for 3 Matrixes Setup Current Source Adress Data HEX A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 CS0, CS6, CS12 0x12 00000 000 LED 7 LED 6 LED 5 LED 4 LED 3 LED 2 LED 1 LED 0 0x12 00000 001 X LED 14 LED 13 LED 12 LED 11 LED 10 LED 9 LED 8 CS1, CS7, CS13 0x14 00000 010 LED 23 LED 22 LED 21 LED 20 LED 19 LED 18 LED 17 LED 16 0x15 00000 011 X LED 30 LED 29 LED 28 LED 27 LED 26 LED 25 LED 24 CS2, CS8, CS14 0x16 00000 100 LED 39 LED 38 LED 37 LED 36 LED 35 LED 34 LED 33 LED 32 0x17 00000 101 X LED 46 LED 45 LED 44 LED 43 LED 42 LED 41 LED 40 CS3, CS9, CS15 0x18 00000 110 LED 55 LED 54 LED 53 LED5 2 LED 51 LED 50 LED 49 LED 48 0x19 00000 111 X LED 62 LED 61 LED 60 LED 59 LED 58 LED 57 LED 56 CS4, CS10, CS16 0x1A 00001 000 LED 71 LED 70 LED 69 LED6 8 LED 67 LED 66 LED 65 LED 64 0x1B 00001 001 X LED 78 LED 77 LED 76 LED 75 LED 74 LED 73 LED 72 CS5, CS11, CS17 0x1C 00001 010 LED 87 LED 86 LED 85 LED8 4 LED 83 LED 82 LED 81 LED 80 0x1D 00001 011 X LED 94 LED 93 LED 92 LED 91 LED 90 LED 89 LED 88 Table 12. LEDs ON/OFF Register Format for 3 Matrixes Setup Current Source Adress Data HEX A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 |