| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1119 bảng dữ liệu(PDF) 16 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1119 bảng dữ liệu(HTML) 16 Page - ams AG |
|
16 / 31 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1119 Revision 1.04 15 - 30 AS1119 Datasheet - Regi s t er Description In the blink register (see Table 9) every single LED can be set to blink. The blink period is set in the display option register (see Display Option Register (0x03) on page 23) . A CS8 0x10 0001 0000 LED 135 LED 134 LED 133 LED 132 LED 131 LED 130 LED 129 LED 128 B CS17 0x11 0 0 0 1 0 0 0 1 LED 143 LED 142 LED 141 LED 140 LED 139 LED 138 LED 137 LED 136 Table 9. LEDs Blink Register Format for 2 Matrixes Setup Matrix Current Source Adress Data HEX A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 A CS0 0x12 0001 0010 LED 7 LED 6 LED 5 LED 4 LED 3 LED 2 LED 1 LED 0 B CS9 0x13 0 0 0 1 0 0 1 1 LED 15 LED 14 LED 13 LED 12 LED 11 LED 10 LED 9 LED 8 A CS1 0x14 0001 0100 LED 23 LED 22 LED 21 LED 20 LED 19 LED 18 LED 17 LED 16 B CS10 0x15 0 0 0 1 0 1 0 1 LED 31 LED 30 LED 29 LED 28 LED 27 LED 26 LED 25 LED 24 A CS2 0x16 0001 0110 LED 39 LED 38 LED 37 LED 36 LED 35 LED 34 LED 33 LED 32 B CS11 0x17 0 0 0 1 0 1 1 1 LED 47 LED 46 LED 45 LED 44 LED 43 LED 42 LED 41 LED 40 A CS3 0x18 0001 1000 LED 55 LED 54 LED 53 LED 52 LED 51 LED 50 LED 49 LED 48 B CS12 0x19 0 0 0 1 1 0 0 1 LED 63 LED 62 LED 61 LED 60 LED 59 LED 58 LED 57 LED 56 A CS4 0x1A 0001 1010 LED 71 LED 70 LED 69 LED 68 LED 67 LED 66 LED 65 LED 64 B CS13 0x1B 0 0 0 1 1 0 1 1 LED 79 LED 78 LED 77 LED 76 LED 75 LED 74 LED 73 LED 72 A CS5 0x1C 0001 1100 LED 87 LED 86 LED 85 LED 84 LED 83 LED 82 LED 81 LED 80 B CS14 0x1D 0 0 0 1 1 1 0 1 LED 95 LED 94 LED 93 LED 92 LED 91 LED 90 LED 89 LED 88 A CS6 0x1E 0001 1110 LED 103 LED 102 LED 101 LED 100 LED 99 LED 98 LED 97 LED 96 B CS15 0x1F 0 0 1 1 1 1 1 1 LED 111 LED 110 LED 109 LED 108 LED 107 LED 106 LED 105 LED 104 A CS7 0x20 0010 0000 LED 119 LED 118 LED 117 LED 116 LED 115 LED 114 LED 113 LED 112 B CS16 0x21 0 0 1 0 0 0 0 1 LED 127 LED 126 LED 125 LED 124 LED 123 LED 122 LED 121 LED 120 A CS8 0x22 0010 0010 LED 135 LED 134 LED 133 LED 132 LED 131 LED 130 LED 129 LED 128 B CS17 0x23 0 0 1 0 0 0 1 1 LED 143 LED 142 LED 141 LED 140 LED 139 LED 138 LED 137 LED 136 Table 8. LEDs ON/OFF Register Format for 2 Matrixes Setup Matrix Current Source Adress Data HEX A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 |