| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8347ECVVALDB bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVVALDB bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 38 Freescale Semiconductor Local Bus Figure 20 provides the AC test load for the local bus. Figure 20. Local Bus C Test Load Table 39. Local Bus General Timing Parameters—DLL Bypass9 Parameter Symbol1 Min Max Unit Notes Local bus cycle time tLBK 15 — ns 2 Input setup to local bus clock tLBIVKH 7 — ns 3, 4 Input hold from local bus clock tLBIXKH 1.0 — ns 3, 4 LALE output fall to LAD output transition (LATCH hold time) tLBOTOT1 1.5 — ns 5 LALE output fall to LAD output transition (LATCH hold time) tLBOTOT2 3— ns 6 LALE output fall to LAD output transition (LATCH hold time) tLBOTOT3 2.5 — ns 7 Local bus clock to output valid tLBKLOV —3 ns 3 Local bus clock to output high impedance for LAD/LDP tLBKHOZ —4 ns 8 Notes: 1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case for clock one (1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or output hold time. 2. All timings are in reference to the falling edge of LCLK0 (for all outputs and for LGTA and LUPWAIT inputs) or the rising edge of LCLK0 (for all other inputs). 3. All signals are measured from OVDD/2 of the rising/falling edge of LCLK0 to 0.4 × OVDD of the signal in question for 3.3 V signaling levels. 4. Input timings are measured at the pin. 5. tLBOTOT1 should be used when RCWH[LALE] is set and when the load on the LALE output pin is at least 10 pF less than the load on the LAD output pins. 6. tLBOTOT2 should be used when RCWH[LALE] is not set and when the load on the LALE output pin is at least 10 pF less than the load on the LAD output pins.the 7. tLBOTOT3 should be used when RCWH[LALE] is not set and when the load on the LALE output pin equals to the load on the LAD output pins. 8. For purposes of active/float timing measurements, the Hi-Z or off-state is defined to be when the total current delivered through the component pin is less than or equal to the leakage current specification. 9. DLL bypass mode is not recommended for use at frequencies above 66 MHz. Output Z0 = 50 Ω OVDD/2 RL = 50 Ω |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |