| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADNS-5050 bảng dữ liệu(PDF) 4 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
ADNS-5050 bảng dữ liệu(HTML) 4 Page - Pixart Imaging Inc. |
|
4 / 27 page ![]() 4 Overview of Optical Mouse Sensor Assembly PixArt Imaging provides an IGES file drawing de- scribing the base plate molding features for lens and PCB alignment. The ADNS-5050 sensor is designed for mounting on a through-hole PCB, looking down. There is an aperture stop and features on the package that align to the lens. Figure 3. Recommended PCB mechanical cutouts and spacing. The ADNS-5100-001 lens provides optics for the imaging of the surface as well as illumination of the surface at the optimum angle. Features on the lens align it to the sensor, base plate, and clip with the LED. The LED clip holds the LED in relation to the lens. The LED must be inserted into the clip and the LED’s leads formed prior to loading on the PCB. The HLMP-EG3E-xxxxx LED is recommended for illumina- tion. 2.00 (0.079) 0 (0) 0 (0) 13.06 (0.514) 2.00 (0.079) HOLE PITCH DISTANCE 1.37 (0.054) 2.25 (0.089) 10.35 (0.407) 12.85 (0.506) 5.02 (0.198) 6.29 (0.248) 7.56 (0.298) 0.25 (0.010) 26.67 (1.050) 1.00 (0.039) 14.44 (0.569) 6.30 (0.248) 11.22 (0.442) 12.60 (0.496) OPTIONAL HOLE FOR ALIGNMENT POST, IF USED CLEAR ZONE ALL DIMENSIONS IN MILLIMETERS (INCHES). OPTICAL CENTER PIN #1 8X 0.80 (0.031) 2X 0.80 (0.031) 3X 3.00 (0.118) 14.94 (0.588) 24.15 (0.951) 25.00 (0.984) 31.50 (1.240) All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw PixArt Imaging Inc. ADNS-5050 Optical Mouse Sensor |