| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADNS-5050 bảng dữ liệu(PDF) 23 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
ADNS-5050 bảng dữ liệu(HTML) 23 Page - Pixart Imaging Inc. |
|
23 / 27 page ![]() 23 Pixel_Grab Address: 0x0b Access: Read/Write Reset Value: 0x00 Bit 7 6 5 4 3 2 1 0 Field Valid PD6 PD5 PD4 PD3 PD2 PD1 PD0 Data Type: Eight-bit word. USAGE: The pixel grabber captures 1 pixel per frame. If there is a valid pixel in the grabber when this register is read, the MSB will be set, an internal counter will incremented to capture the next pixel and the grabber will be armed to capture the next pixel. It will take 361 reads to upload the complete image. Any write to this register will reset and arm the grabber to grab pixel 0 on the next image. Physical Pixel Address Map – readout order of the array (looking through the sensor aperture at the bottom of the package) LB RB POSITIVE X TOP X-RAY VIEW OF MOUSE POSITIVE X BOTTOM VIEW OF MOUSE HOLE AT MOUSE BOTTOM COVER FOR LENS FIRST PIXEL LAST PIXEL 18 37 56 75 94 113 132 151 170 189 208 227 246 265 284 303 322 341 360 17 36 55 74 93 112 131 150 169 188 207 226 245 264 283 302 321 340 359 16 35 54 73 92 111 130 149 168 187 206 225 244 263 282 301 320 339 358 15 34 53 72 91 110 129 148 167 186 205 224 243 262 281 300 319 338 357 14 33 52 71 90 109 128 147 166 185 204 223 242 261 280 299 318 337 356 13 32 51 70 89 108 127 146 165 184 203 222 241 260 279 298 317 336 355 12 31 50 69 88 107 126 145 164 183 202 221 240 259 278 297 316 335 354 11 30 49 68 87 106 125 144 163 182 201 220 239 258 277 296 315 334 353 10 29 48 67 86 105 124 143 162 181 200 219 238 257 276 295 314 333 352 9 28 47 66 85 104 123 142 161 180 199 218 237 256 275 294 313 332 351 8 27 46 65 84 103 122 141 160 179 198 217 236 255 274 293 312 331 350 7 26 45 64 83 102 121 140 159 178 197 216 235 254 273 292 311 330 349 6 25 44 63 82 101 120 139 158 177 196 215 234 253 272 291 310 329 348 5 24 43 62 81 100 119 138 157 176 195 214 233 252 271 290 309 328 347 4 23 42 61 80 99 118 137 156 175 194 213 232 251 270 289 308 327 346 3 22 41 60 79 98 117 136 155 174 193 212 231 250 269 288 307 326 345 2 21 40 59 78 97 116 135 154 173 192 211 230 249 268 287 306 325 344 1 20 39 58 77 96 115 134 153 172 191 210 229 248 267 286 305 324 343 0 19 38 57 76 95 114 133 152 171 190 209 228 247 266 285 304 323 342 1 2 3 4 5 6 7 8 All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw PixArt Imaging Inc. ADNS-5050 Optical Mouse Sensor |