công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC1202Y2RHHT bảng dữ liệu(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSC1202Y2RHHT
Giải thích chi tiết về linh kiện  Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 26Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 27Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 28Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 29Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 30Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 31Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 32Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 33Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
30
SPI
The MSC120x implement a basic SPI interface that
includes the hardware for simple serial data transfers.
Figure 17 shows a block diagram of the SPI. The
peripheral supports master and slave modes, full duplex
data transfers, both clock polarities, both clock phases, bit
order, and slave select.
The timing diagram for supported SPI data transfers is
shown in Figure 18.
The I/O pins needed for data transfer are Data In (DIN),
Data Out (DOUT) and serial clock (SCK). The slave select
(SS) pin can also be used to control the output of data on
DOUT.
The DIN pin is used for shifting data in for both master and
slave modes.
The DOUT pin is used for shifting data out for both master
and slave modes.
The SCK pin is used to synchronize the transfer of data for
both master and slave modes. SCK is always generated
by the master. The generation of SCK in master mode can
be done either in software (by simply toggling the port pin),
or by configuring the output on the SCK pin via PASEL
(SFR F2h). A list of the most common methods of
generating SCK follows, but the complete list of clock
sources can be found by referring to the PASEL SFR.
D Toggle SCK by setting and clearing the port pin.
D Memory Write Pulse (WR) that is idle high.
Whenever an external memory write command
(MOVX) is executed, a pulse is seen on P3.6. This
method can be used only if CPOL is set to ‘1’.
D Memory Write Pulse toggle version. In this mode,
SCK toggles whenever an external write command
(MOVX) is executed.
D T0_Out signal can be used as a clock. A pulse is
generated on SCK whenever Timer 0 expires. The
idle state of the signal is low, so this can be used
only if CPOL is cleared to ‘0’.
D T0_Out toggle. SCK toggles whenever Timer 0
expires.
D T1_Out signal can be used as a clock. A pulse is
generated whenever Timer 1 expires. The idle state
of the signal is low, so this can be used only if CPOL
is cleared to ‘0’.
D T1_Out toggle. SCK toggles whenever Timer 1
expires.
SPI /I2C
Data Write
SPICON
I2CCON
I2C
Stretch
Control
Counter
Start/Stop
Detect
SPI /I2C
Data Read
Pad Control
DOUT
P1.2
P1.4
P3.6
P1.3
Logic
DOUT
TX_CLK
RX_CLK
SS
SCK/SCL
CNT_CLK
CNT INT
I2C INT
DIN
CLKS (refer to PASEL, SFR F2h)
SS
SCK
DIN
Figure 17. SPI/I2C Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com