công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7322MME/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7322MME/NOPB
Giải thích chi tiết về linh kiện  High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MME/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM7322MME/NOPB Datasheet HTML 1Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 2Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 3Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 4Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 5Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 6Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 7Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 8Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output ±15V, High
Output Current and Unlimited Capacitive Load Operational Amplifier
Check for Samples: LM7321, LM7322
1
FEATURES
DESCRIPTION
The LM7321/LM7321Q/LM7322/LM7322Q are rail-to-
2
•
(VS = ±15, TA = 25°C, Typical Values Unless
rail input and output amplifiers with wide operating
Specified.)
voltages
and
high
output
currents.
The
•
Wide Supply Voltage Range 2.5V to 32V
LM7321/LM7321Q/LM7322/LM7322Q
are
efficient,
•
Output Current +65 mA/
−100 mA
achieving 18 V/µs slew rate and 20 MHz unity gain
bandwidth while requiring only 1 mA of supply current
•
Gain Bandwidth Product 20 MHz
per
op
amp.
The
•
Slew Rate 18 V/µs
LM7321/LM7321Q/LM7322/LM7322Q performance is
•
Capacitive Load Tolerance Unlimited
fully specified for operation at 2.7V, ±5V and ±15V.
•
Input Common Mode Voltage 0.3V Beyond
The
LM7321/LM7321Q/LM7322/LM7322Q
are
Rails
designed to drive unlimited capacitive loads without
oscillations.
All
LM7321/LM7321Q
and
•
Input Voltage Noise 15 nV/
√Hz
LM7322/LM732Q parts are tested at
−40°C, 125°C,
•
Input Current Noise 1.3 pA/
√Hz
and 25°C, with modern automatic test equipment.
•
Supply Current/Channel 1.1 mA
High performance from
−40°C to 125°C, detailed
•
Distortion THD+Noise
−86 dB
specifications, and extensive testing makes them
suitable
for
industrial,
automotive,
and
•
Temperature Range
−40°C to 125°C
communications applications.
•
Tested at
−40°C, 25°C and 125°C at 2.7V, ±5V,
Greater than rail-to-rail input common mode voltage
±15V.
range with 50 dB of common mode rejection across
•
LM7321Q/LM7322Q are Automotive Grade
this wide voltage range, allows both high side and low
Products that are AEC-Q100 Grade 1 Qualified.
side sensing. Most device parameters are insensitive
to power supply voltage, and this makes the parts
APPLICATIONS
easier to use where supply voltage may vary, such as
automotive electrical systems and battery powered
•
Driving MOSFETs and Power Transistors
equipment. These amplifiers have true rail-to-rail
•
Capacitive Proximity Sensors
output and can supply a respectable amount of
•
Driving Analog Optocouplers
current (15 mA) with minimal head- room from either
rail (300 mV) at low distortion (0.05% THD+Noise).
•
High Side Sensing
There are several package options for each part.
•
Below Ground Current Sensing
Standard
SOIC
versions
of
both
parts
make
•
Photodiode Biasing
upgrading existing designs easy. LM7322LM7322Q
are offered in a space saving 8-Pin VSSOP package.
•
Driving Varactor Diodes in PLLs
The LM7321/LM7321Q are offered in small SOT-23
•
Wide Voltage Range Power supplies
package, which makes it easy to place this part close
•
Automotive
to sensors for better circuit performance.
•
International Power Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM7322MME/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7322MME/NOPB TI1-LM7322MME/NOPB Datasheet
1Mb / 39P
Unlimited Capacitive Load Operational Amplifier
More results

Mô tả tương tự - LM7322MME/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Texas Instruments
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321MFE TI-LM7321MFE Datasheet
1Mb / 35P
LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322MME TI-LM7322MME Datasheet
1Mb / 35P
LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI-LM7321_15 Datasheet
1Mb / 38P
LM7321x Single and LM7322x Dual Rail-to-Rail Input and Output 짹15-V, High-Output Current and Unlimited Capacitive Load Operational Amplifier
LM7321 TI1-LM7321 Datasheet
1Mb / 39P
Unlimited Capacitive Load Operational Amplifier
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com