công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7322MME/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7322MME/NOPB
Giải thích chi tiết về linh kiện  High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MME/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM7322MME/NOPB Datasheet HTML 1Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 2Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 3Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 4Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 5Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 6Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 7Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 8Page - Texas Instruments LM7322MME/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
2.7V Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.7V, V− = 0V, V
CM = 0.5V, VOUT = 1.35V, and RL > 1 MΩ to
1.35V. Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(2)
(3)
(2)
−5
+5
VOS
Input Offset Voltage
VCM = 0.5V & VCM = 2.2V
±0.7
mV
−6
+6
VCM = 0.5V & VCM = 2.2V
TC VOS
Input Offset Voltage Temperature Drift
±2
µV/C
(4)
VCM = 0.5V
−2.0
−1.2
(5)
−2.5
IB
Input Bias Current
µA
VCM = 2.2V
0.45
1.0
(5)
1.5
20
200
IOS
Input Offset Current
VCM = 0.5V and VCM = 2.2V
nA
300
70
100
0V
≤ VCM ≤ 1.0V
60
CMRR
Common Mode Rejection Ratio
dB
55
70
0V
≤ VCM ≤ 2.7V
50
78
104
PSRR
Power Supply Rejection Ratio
2.7V
≤ VS ≤ 30V
dB
74
−0.3
−0.1
0.0
CMVR
Common Mode Voltage Range
CMRR > 50 dB
V
2.8
3.0
2.7
0.5V
≤ VO ≤ 2.2V
65
72
RL = 10 kΩ to 1.35V
62
AVOL
Open Loop Voltage Gain
dB
0.5V
≤ VO ≤ 2.2V
59
66
RL = 2 kΩ to 1.35V
55
RL = 10 kΩ to 1.35V
50
150
VID = 100 mV
160
Output Voltage Swing
High
RL = 2 kΩ to 1.35V
100
250
VID = 100 mV
280
mV from
VOUT
either rail
RL = 10 kΩ to 1.35V
20
120
VID = −100 mV
150
Output Voltage Swing
Low
RL = 2 kΩ to 1.35V
40
120
VID = −100 mV
150
Sourcing
30
48
VID = 200 mV, VOUT = 0V
(6)
20
IOUT
Output Current
mA
Sinking
40
65
VID = −200 mV, VOUT = 2.7V
(6)
30
0.95
1.3
LM7321
1.9
IS
Supply Current
mA
2.0
2.5
LM7322
3.8
SR
Slew Rate (7)
AV = +1, VI = 2V Step
8.5
V/µs
fu
Unity Gain Frequency
RL = 2 kΩ, CL = 20 pF
7.5
MHz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is
infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5 ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com