công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AV2432B bảng dữ liệu(PDF) 7 Page - Aplus Intergrated Circuits

tên linh kiện AV2432B
Giải thích chi tiết về linh kiện  single-chip synthesizing CMOS VLSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APLUS [Aplus Intergrated Circuits]
Trang chủ  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV2432B bảng dữ liệu(HTML) 7 Page - Aplus Intergrated Circuits

Back Button AV2432B Datasheet HTML 3Page - Aplus Intergrated Circuits AV2432B Datasheet HTML 4Page - Aplus Intergrated Circuits AV2432B Datasheet HTML 5Page - Aplus Intergrated Circuits AV2432B Datasheet HTML 6Page - Aplus Intergrated Circuits AV2432B Datasheet HTML 7Page - Aplus Intergrated Circuits AV2432B Datasheet HTML 8Page - Aplus Intergrated Circuits AV2432B Datasheet HTML 9Page - Aplus Intergrated Circuits AV2432B Datasheet HTML 10Page - Aplus Intergrated Circuits AV2432B Datasheet HTML 11Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
APLUS 巨華積体電路股份有限公司 AVxxx-TGx8 Series
www.aplusinc.com.tw
Page
/ 13
2002 Ver.2
7
PIN DESCRIPTION:
PAD NAME
PIN ATTR.
FUNCTION
VDD,VDD1
POWER
POSITIVE POWER SUPPLY.
OSC
I
OSCILLATOR INPUT (300K ohm CONNECT TO VDD).
TEST
I
TEST PAD,FOR PRODUCTION TESTING (TEST HIGH FOR TESTING)
MODE/STS4
I/O
I/O PAD , MODE : MODE SELECTION , STS4 : STATUS OUTPUT
ROW 1-4
I/O
OUTPUT FOR MATRIX MODE ; INPUT FOR ALONE MODE
COL 1-4
I
TRIGGER INPUT , INTERNAL PULL LOW ( HIGH ACTIVE )
OUT1
O
STATUS OUTPUT OR AUDIO ( CURRENT OUTPUT )
OUT2
O
STATUS OUTPUT OR AUDIO ( PWM1 OUTPUT )
OUT3
O
STATUS OUTPUT OR AUDIO ( PWM2 OUTPUT )
GND,GND1
POWER
NEGATIVE POWER SUPPLY.
ABSOLUTE MAXIMUM RATING:
SYMBOL
RATING
UNIT
VDD~VSS
-0.5~+7.0
V
VIN (FOR ALL INPUT)
VSS-0.3<VIN<VDD+0.3
V
VOUT (FOR ALL OUTPUT)
GND<VOUT<VDD
V
T (OPERATING)
0~+70
℃
T (STORAGE)
-25~+75
℃
DC CHARACTERISTICS:
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITION
VDD
OPERATING VOLTAGE
2.4
3
5
V
Isb
STANDBY
0.1
Iop
SUPPLY
CURRENT
OPERATING
200
uA
VDD=3V ,I/O OPEN
(WITH Rosc)
Iih
5
Iil
INPUT CURRENT ROW1-4, COL1-4
IN ALONE MODE
( SCHMITT 270K - 1M )
0
uA
VDD=3V
Iih
0.3
Iil
INPUT CURRENT ROW1-4, COL1-4
IN ALONE MODE
( SCHMITT 270K - 10M )
0
uA
VDD=3V
Iih
0.5
Iil
INPUT CURRENT
MODE INPUT
0
uA
VDD=3V
Ioh
-0.6
VDD=3V , V O/P=0V
Iol
MATRIX MODE ( ROW 1 - 4 )
OUTPUT CURRENT
10
mA
VDD=3V , V O/P=3V
-1.2
-1.5
-1.8
-2.4
-3
-3.6
Icout
OUT1 USE AS
CURRENT OUT
(FULL SCALE)
-3.6
-4.5
-5.4
mA
VDD=3V, V O/P=0.7V
Ioh
-0.6
VDD=3V, V O/P=0V
Iol
OUT1,OUT2,OUT3
USE AS STATUS OUTPUT
DURING OPERATING
8
10
12
mA
VDD=3V, V O/P=3V
dF/F
FREQUENCY
STABILITY
-10
10
Fosc(3v)-Fosc(2.4v)
Fosc(3v)
dF/F
Fosc VARIATION
-10
10
VDD=3V,Rosc=300K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com