công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AV2816A bảng dữ liệu(PDF) 2 Page - Aplus Intergrated Circuits

tên linh kiện AV2816A
Giải thích chi tiết về linh kiện  single-chip synthesizing CMOS VLSI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APLUS [Aplus Intergrated Circuits]
Trang chủ  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV2816A bảng dữ liệu(HTML) 2 Page - Aplus Intergrated Circuits

  AV2816A Datasheet HTML 1Page - Aplus Intergrated Circuits AV2816A Datasheet HTML 2Page - Aplus Intergrated Circuits AV2816A Datasheet HTML 3Page - Aplus Intergrated Circuits AV2816A Datasheet HTML 4Page - Aplus Intergrated Circuits AV2816A Datasheet HTML 5Page - Aplus Intergrated Circuits AV2816A Datasheet HTML 6Page - Aplus Intergrated Circuits AV2816A Datasheet HTML 7Page - Aplus Intergrated Circuits AV2816A Datasheet HTML 8Page - Aplus Intergrated Circuits AV2816A Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APLUS 巨華積体電路股份有限公司
AVxx16 Serie
www.aplusinc.com.tw
Page
/ 9
2002-Rev.2
2
9. Playing mode :EDGEL/LEVEL , HOLD/UNHOLD , RETRIGGER/IRRETRIGGER with following mask options :
EDGE/LEVEL
HOLD/UNHOLD
RETRIGGERING/IRRETRIGGER
A>EDGE
A>HOLD
A>IRRETRIGGER
B>LEVEL
B>UNHOLD
B>RETRIGGER
C>IO1(VDD-edge.GND-level)
C>IO1(VDD-hold,GND-unhold)
C>IO1(VDD-irretrigger,GND-retrigger)
D>IO2(VDD-edge.GND-level)
D>IO2(VDD-hold,GND-unhold)
D>IO2(VDD-irretrigger,GND-retrigger)
E>IO3(VDD-edge.GND-level)
E>IO3(VDD-hold,GND-unhold)
E>IO3(VDD-irretrigger,GND-retrigger)
C, D, E couldonlybe selected when IO1,IO2,IO3are mask_option as control input .
10. 3 I/O PINS WITH FOLLOWING OPTIONS:
* IO1
* IO2
* IO3
A>COUT B>STOPH C>STOPL
A>PWM1 B>STOPH
C>STOPL
A>PWM2
B>STOPH C>STOPL
D>BUSYH
E>BUSYL F>6HZ
D>BUSYH
E>BUSYL F>6HZ
D>BUSYH
E>BUSYL F>6HZ
G>DYNA1/4
H>DYN2/4
I>DYN3/4
G>DYNA1/4
H>DYN2/4
I>DYN3/4
G>DYNA1/4 H>DYN2/4
I>DYN3/4
J>USED AS CONTROL INPUT
J>USED AS CONTROL INPUT
J>USED AS CONTROL INPUT
Item_F : 0.75Hz or 1.5Hz or 3Hz or 6Hz(mask option)
Item_B~I : with one subtable enable status option for IO1, IO2, IO3.
COUT : 3 current output levels, with 4 mask options (1.5mA;3mA;4.5mA;IO3<GND-3mA,VDD-4.5mA>).
PWM1, PWM2 : must be selected on the same time ,direct driving buzzer or 8 or 32 or 64 ohm speaker.
STOPH, STOPL : 40 ms high/low output when device stop playing.(drive 1.8 mA,sink 10mA;3v).
BUSYH, BUSYL : high/low output during device playing (drive 1.8 mA,sink 10mA;3v).
6Hz/3Hz, DYNA1/4, 2/4, 3/4 : LED driving. (drive 1.8 mA, sink 10mA;3v)
Used as control input : internal pull GND (0.5uA,3V)
For all the IO options : the dynamic should choice same level.
If IO2 and IO3 are both at 6Hz(3Hz), they will flash alternatively.
When used as control input, they could be used to control following options by bonding or toggle switch.
EDGE/LEVEL, HOLD/UNHOLD, RETRIGGER/IRRETRIGGER, DEBOUNCE 10ms/50us
㆒般規格
:
AVH316B ,AVH316C ,AVH316D ,AV0716C ,AV0716D ,AV1416D ,AV2116A,AV2816A 乃㆒單晶片CMOS
VLSI語音合成器,它以LOGPCM編碼方式,合成長達3.5、7、14、21、28、42 秒之語音。藉由製造過程㆗更換
光罩,將客戶需要之語音資料編寫入
ROM㆗。
特性:
1. 單㆒工作電壓範圍為2.4 - 5 伏特。
2. 語音總長度可達3.5、7、14、21、28、42秒,且可被分割成16語音段(section),每段長度可不
同。 每㆒語音段有㆕種不同播放時間的選擇,但是任何㆒種播放時間皆不可長於原段的
(語
音
+靜音)時間。



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com