công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5644AF0MLU1 bảng dữ liệu(PDF) 95 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5644AF0MLU1
Giải thích chi tiết về linh kiện  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 bảng dữ liệu(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
95
3.16
AC specifications
3.16.1
Pad AC specifications
Table 35. Pad AC specifications (5.0 V)1
1 These are worst case values that are estimated from simulation and not tested. The values in the table are
simulated at VDD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.5 V, TA = TL to TH
Name
C
Output Delay (ns)2,3
Low-to-High /
High-to-Low
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 Delay and rise/fall are measured to 20% or 80% of the respective signal.
Rise/Fall Edge (ns)3,4
4 This parameter is guaranteed by characterization before qualification rather than 100% tested.
Drive Load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB,LSB
Medium5,6,7
5 In high swing mode, high/low swing pad Vol and Voh values are the same as those of the slew controlled output
pads
6 Medium Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown.
7 Output delay is shown in Figure 9. Add a maximum of one system clock to the output delay for delay with respect
to system clock.
CC
D
4.6/3.7
12/12
2.2/2.2
7/7
50
118
8 Can be used on the tester.
N/A
109
9 This drive select value is not supported. If selected, it will be approximately equal to 11.
CC
D
12/13
28/34
5.6/6
15/15
50
01
CC
D
69/71
152/165
34/35
74/74
50
00
Slow7,10
10 Slow Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown.
CC
D
7.3/5.7
19/18
4.4/4.3
14/14
50
118
N/A
109
CC
D
26/27
61/69
13/13
34/34
50
01
CC
D
137/142
320/330
72/74
164/164
50
00
MultiV11
(High Swing Mode)
11 Selectable high/low swing IO pad with selectable slew in high swing mode only.
CC
D
4.1/3.6
10.3/8.9
3.28/2.98
8/8
50
118
N/A
109
CC
D
8.38/6.11
16/12.9
5.48/4.81
11/11
50
01
CC
D
61.7/10.4 92.2/24.3
42.0/12.2
63/63
50
00
MultiV
(Low Swing Mode)
CC
D
2.31/2.34 7.62/6.33
1.26/1.67
6.5/4.4
30
118
Fast12
12 Fast pads are 3.3 V pads.
N/A
pad_i_hv13
CC
D
0.5/0.5
1.9/1.9
0.3/0.3
±1.5/1.5
0.5
N/A
pull_hv
CC
D
NA
6000
5000/5000
50
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com