công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5644AF0MLU1 bảng dữ liệu(PDF) 91 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5644AF0MLU1
Giải thích chi tiết về linh kiện  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 bảng dữ liệu(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
91
Table 29. eQADC single ended conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
OFFNC
CC
C
Offset error without calibration
0
160
Counts
OFFWC
CC
C
Offset error with calibration
–4
4
Counts
GAINNC
CC
C
Full scale gain error without calibration
–160
0
Counts
GAINWC
CC
C
Full scale gain error with calibration
–4
4
Counts
IINJ
CC
T
Disruptive input injection current 1, 2, 3, 4
1 Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog
inputs greater then VRH and 0x0 for values less then VRL. Other channels are not affected by non-disruptive
conditions.
2 Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions
within the limit do not affect device reliability or cause permanent damage.
3 Input must be current limited to the value specified. To determine the value of the required current-limiting
resistor, calculate resistance values using VPOSCLAMP = VDDA + 0.5 V and VNEGCLAMP = – 0.3 V, then use
the larger of the calculated values.
4 Condition applies to two adjacent pins at injection limits.
–3
3
mA
EINJ
CC
T
Incremental error due to injection current5,6
5 Performance expected with production silicon.
6 All channels have same 10 k <Rs<100k; Channel under test has Rs=10 k; IINJ=IINJMAX,IINJMIN
–4
4
Counts
TUE8
CC
C
Total unadjusted error (TUE) at 8 MHz
–4
46
Counts
TUE16
CC
C
Total unadjusted error at 16 MHz
–8
8
Counts
Table 30. eQADC differential ended conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
GAINVGA11
CC
–
Variable gain amplifier accuracy (gain=1)2
CC
C
INL
8 MHz
ADC
–4
4
Counts
3
CC
C
16 MHz
ADC
–8
8
Counts
CC
C
DNL
8 MHz
ADC
–34
34
Counts
CC
C
16 MHz
ADC
–34
34
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com