công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AVC2T45GS bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện 74AVC2T45GS
Giải thích chi tiết về linh kiện  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45GS bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  74AVC2T45GS Datasheet HTML 1Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 2Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 3Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
The 74AVC2T45 is a dual-bit, dual-supply transceiver that enables bidirectional level
translation. It features two data input-output ports (nA and nB), a direction control input
(DIR) and dual-supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at
any voltage between 0.8 V and 3.6 V making the device suitable for translating between
any of the low voltage nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins nA and DIR
are referenced to VCC(A) and pins nB are referenced to VCC(B). A HIGH on DIR allows
transmission from nA to nB and a LOW on DIR allows transmission from nB to nA.
The device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing any damaging backflow current through the
device when it is powered down. In Suspend mode when either VCC(A) or VCC(B) are at
GND level, both A and B are in the high-impedance OFF-state.
2.
Features and benefits
Wide supply voltage range:
VCC(A): 0.8 V to 3.6 V
VCC(B): 0.8 V to 3.6 V
High noise immunity
Complies with JEDEC standards:
JESD8-12 (0.8 V to 1.3 V)
JESD8-11 (0.9 V to 1.65 V)
JESD8-7 (1.2 V to 1.95 V)
JESD8-5 (1.8 V to 2.7 V)
JESD8-B (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F Class 3B exceeds 8000 V
MM JESD22-A115-A exceeds 200 V
CDM JESD22-C101C exceeds 1000 V
Maximum data rates:
500 Mbit/s (1.8 V to 3.3 V translation)
320 Mbit/s (<1.8 V to 3.3 V translation)
320 Mbit/s (translate to 2.5 V or 1.8 V)
280 Mbit/s (translate to 1.5 V)
240 Mbit/s (translate to 1.2 V)
Suspend mode
Latch-up performance exceeds 100 mA per JESD 78 Class II
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver;
3-state
Rev. 7 — 8 February 2013
Product data sheet


Số phần tương tự - 74AVC2T45GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74AVC2T45GS NEXPERIA-74AVC2T45GS Datasheet
362Kb / 25P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results

Mô tả tương tự - 74AVC2T45GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com