công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AVC2T45GS bảng dữ liệu(PDF) 16 Page - NXP Semiconductors

tên linh kiện 74AVC2T45GS
Giải thích chi tiết về linh kiện  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45GS bảng dữ liệu(HTML) 16 Page - NXP Semiconductors

Back Button 74AVC2T45GS Datasheet HTML 12Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 13Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 14Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 15Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 16Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 17Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 18Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 19Page - NXP Semiconductors 74AVC2T45GS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
16 of 27
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
13.3 Power-up considerations
The device is designed such that no special power-up sequence is required other than
GND being applied first.
13.4 Enable times
The enable times for the 74AVC2T45 are calculated from the following formulas:
• ten (DIR to nA) = tdis (DIR to nB) + tpd (nB to nA)
• ten (DIR to nB) = tdis (DIR to nA) + tpd (nA to nB)
In a bidirectional application, these enable times provide the maximum delay from the
time the DIR bit is switched until an output is expected. For example, if the 74AVC2T45
initially is transmitting from A to B, then the DIR bit is switched, the B port of the device
must be disabled before presenting it with an input. After the B port has been disabled, an
input signal applied to it appears on the corresponding A port after the specified
propagation delay.
Table 18.
Typical total supply current (ICC(A) + ICC(B))
VCC(A)
VCC(B)
Unit
0 V
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
0.1
0.1
0.1
0.1
0.1
0.1
A
0.8 V
0.1
0.1
0.1
0.1
0.1
0.7
2.3
A
1.2 V
0.1
0.1
0.1
0.1
0.1
0.3
1.4
A
1.5 V
0.1
0.1
0.1
0.1
0.1
0.1
0.9
A
1.8 V
0.1
0.1
0.1
0.1
0.1
0.1
0.5
A
2.5 V
0.1
0.7
0.3
0.1
0.1
0.1
0.1
A
3.3 V
0.1
2.3
1.4
0.9
0.5
0.1
0.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com