| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151VD bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VD bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 140 page ![]() Electrical characteristics STM32L151xD STM32L152xD 80/140 Doc ID 022027 Rev 6 tSU(MSI) MSI oscillator startup time MSI range 0 30 - µs MSI range 1 20 - MSI range 2 15 - MSI range 3 10 - MSI range 4 6 - MSI range 5 5 - MSI range 6, Voltage range 1 and 2 3.5 - MSI range 6, Voltage range 3 5- tSTAB(MSI) (2) MSI oscillator stabilization time MSI range 0 - 40 MSI range 1 - 20 MSI range 2 - 10 MSI range 3 - 4 MSI range 4 - 2.5 MSI range 5 - 2 MSI range 6, Voltage range 1 and 2 -2 MSI range 3, Voltage range 3 -3 fOVER(MSI) MSI oscillator frequency overshoot Any range to range 5 -4 MHz Any range to range 6 -6 1. This is a deviation for an individual part, once the initial frequency has been measured. 2. Based on characterization, not tested in production. Table 32. MSI oscillator characteristics (continued) Symbol Parameter Condition Typ Max Unit |