| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4680IPQTP bảng dữ liệu(PDF) 169 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680IPQTP bảng dữ liệu(HTML) 169 Page - Microchip Technology |
|
169 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 167 PIC18F2585/2680/4585/4680 15.3 Compare Mode In Compare mode, the 16-bit CCPR1 register value is constantly compared against either the TMR1 or TMR3 register pair value. When a match occurs, the CCP1 pin can be: • driven high • driven low • toggled (high-to-low or low-to-high) • remain unchanged (that is, reflects the state of the I/O latch) The action on the pin is based on the value of the mode select bits (ECCP1M3:ECCP1M0). At the same time, the interrupt flag bit ECCP1IF is set. 15.3.1 CCP1 PIN CONFIGURATION The user must configure the CCP1 (ECCP1) pin as an output by clearing the appropriate TRIS bit. 15.3.2 TIMER1/TIMER3 MODE SELECTION Timer1 and/or Timer3 must be running in Timer mode or Synchronized Counter mode if the CCP1 module is using the compare feature. In Asynchronous Counter mode, the compare operation may not work. 15.3.3 SOFTWARE INTERRUPT MODE When the Generate Software Interrupt mode is chosen (CCP1M3:CCP1M0 = 1010), the CCP1 pin is not affected. Only a CCP1 interrupt is generated, if enabled and the CCP1IE bit is set. 15.3.4 SPECIAL EVENT TRIGGER Both CCP1 modules are equipped with a special event trigger. This is an internal hardware signal generated in Compare mode to trigger actions by other modules. The special event trigger is enabled by selecting the Compare Special Event Trigger mode (CCP1M3:CCP1M0 = 1011). For either CCP1 module, the special event trigger resets the timer register pair for whichever timer resource is currently assigned as the module’s time base. This allows the CCPR1 (ECCPR1) registers to serve as a programmable period register for either timer. FIGURE 15-2: COMPARE MODE OPERATION BLOCK DIAGRAM Note: Clearing the CCP1CON register will force the RC2 compare output latch (depending on device configuration) to the default low level. This is not the PORTC I/O data latch. CCPR1H CCPR1L TMR1H TMR1L Comparator Q S R Output Logic Special Event Trigger Set CCP1IF CCP1 pin TRIS CCP1CON<3:0> Output Enable TMR3H TMR3L ECCPR1H ECCPR1L Comparator 1 0 T3ECCP1 T3CCP1 Set CCP1IF 1 0 Compare 4 (Timer1 Reset) Q S R Output Logic Special Event Trigger ECCP1 pin TRIS ECCP1CON<3:0> Output Enable 4 (Timer1/Timer3 Reset, A/D Trigger) Match Compare Match |