| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4680IPQTP bảng dữ liệu(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680IPQTP bảng dữ liệu(HTML) 56 Page - Microchip Technology |
|
56 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 54 Preliminary © 2007 Microchip Technology Inc. TXB0D5 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0D4 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0D3 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0D2 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0D1 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0D0 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0DLC 2585 2680 4585 4680 -x-- xxxx -u-- uuuu -u-- uuuu TXB0EIDL 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0EIDH 2585 2680 4585 4680 xxxx xxxx uuuu uuuu -uuu uuuu TXB0SIDL 2585 2680 4585 4680 xxx- x-xx uuu- u-uu uuu- u-uu TXB0SIDH 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0CON 2585 2680 4585 4680 0000 0-00 0000 0-00 uuuu u-uu TXB1D7 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1D6 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1D5 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1D4 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1D3 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1D2 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1D1 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1D0 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1DLC 2585 2680 4585 4680 -x-- xxxx -u-- uuuu -u-- uuuu TXB1EIDL 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1EIDH 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB1SIDL 2585 2680 4585 4680 xxx- x-xx uuu- u-uu uuu- uu-u TXB1SIDH 2585 2680 4585 4680 xxxx xxxx uuuu uuuu -uuu uuuu TXB1CON 2585 2680 4585 4680 0000 0-00 0000 0-00 uuuu u-uu TXB2D7 2585 2680 4585 4680 xxxx xxxx uuuu uuuu 0uuu uuuu TXB2D6 2585 2680 4585 4680 xxxx xxxx uuuu uuuu 0uuu uuuu TXB2D5 2585 2680 4585 4680 xxxx xxxx uuuu uuuu 0uuu uuuu TXB2D4 2585 2680 4585 4680 xxxx xxxx uuuu uuuu 0uuu uuuu TXB2D3 2585 2680 4585 4680 xxxx xxxx uuuu uuuu 0uuu uuuu TXB2D2 2585 2680 4585 4680 xxxx xxxx uuuu uuuu 0uuu uuuu TABLE 4-4: INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED) Register Applicable Devices Power-on Reset, Brown-out Reset MCLR Resets, WDT Reset, RESET Instruction, Stack Resets Wake-up via WDT or Interrupt Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition. Shaded cells indicate conditions do not apply for the designated device. Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up). 2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector (0008h or 0018h). 3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack. 4: See Table 4-3 for Reset value for specific condition. 5: Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled as PORTA pins, they are disabled and read ‘0’. 6: This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2. |