| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4680IPQTP bảng dữ liệu(PDF) 55 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680IPQTP bảng dữ liệu(HTML) 55 Page - Microchip Technology |
|
55 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 53 PIC18F2585/2680/4585/4680 CANCON 2585 2680 4585 4680 1000 000- 1000 000- uuuu uuu- CANSTAT 2585 2680 4585 4680 100- 000- 100- 000- uuu- uuu- RXB0D7 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0D6 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0D5 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0D4 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0D3 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0D2 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0D1 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0D0 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0DLC 2585 2680 4585 4680 -xxx xxxx -uuu uuuu -uuu uuuu RXB0EIDL 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0EIDH 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0SIDL 2585 2680 4585 4680 xxxx x-xx uuuu u-uu uuuu u-uu RXB0SIDH 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB0CON 2585 2680 4585 4680 000- 0000 000- 0000 uuu- uuuu RXB1D7 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1D6 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1D5 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1D4 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1D3 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1D2 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1D1 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1D0 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1DLC 2585 2680 4585 4680 -xxx xxxx -uuu uuuu -uuu uuuu RXB1EIDL 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1EIDH 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1SIDL 2585 2680 4585 4680 xxxx x-xx uuuu u-uu uuuu u-uu RXB1SIDH 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu RXB1CON 2585 2680 4585 4680 000- 0000 000- 0000 uuu- uuuu TXB0D7 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TXB0D6 2585 2680 4585 4680 xxxx xxxx uuuu uuuu uuuu uuuu TABLE 4-4: INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED) Register Applicable Devices Power-on Reset, Brown-out Reset MCLR Resets, WDT Reset, RESET Instruction, Stack Resets Wake-up via WDT or Interrupt Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition. Shaded cells indicate conditions do not apply for the designated device. Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up). 2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector (0008h or 0018h). 3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack. 4: See Table 4-3 for Reset value for specific condition. 5: Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled as PORTA pins, they are disabled and read ‘0’. 6: This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2. |