công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RJ22FP201 bảng dữ liệu(PDF) 23 Page - Bourns Electronic Solutions

tên linh kiện RJ22FP201
Giải thích chi tiết về linh kiện  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 bảng dữ liệu(HTML) 23 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 19Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 20Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 21Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 22Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 23Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 24Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 25Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 26Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 27Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
Specifications are subject to change without notice.
27
3296-LTC - 3/8” Square Trimming Potentiometer
Features
s
Low TCR
s
Multiturn / Cermet / Industrial / Sealed
s
3 terminal styles
s
Chevron seal design
Applications
s
Rheostat applications with wiper currents
less than 25 microamps
s
Process control instrumentation
s
Power supplies
Electrical Characteristics
Standard Resistance Range
.....................................2K to 25K ohms
(see standard resistance table)
Resistance Tolerance .............±10% std.
(tighter tolerance available)
Absolute Minimum Resistance
...............................1% or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
............................1.0% or 3 ohms max.
(whichever is greater)
Adjustability
Voltage......................................±0.01%
Resistance ................................±0.05%
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ..................................900 vac
70,000 Feet...............................350 vac
Effective Travel..................25 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
70°C .........................................0.5 watt
125°C ..........................................0 watt
Temperature Range
....................................-55°C to +150°C
Temperature Coefficient
End to End ..........................±20ppm/°C
Through the Wiper ..............±50ppm/°C
Seal Test ........................85°C Fluorinert*
Humidity........MIL-STD-202 Method 103
96 hours
(2%
∆TR, 10 Megohms IR)
Vibration............20G (1%
∆TR; 1% ∆VR)
Shock..............100G (1%
∆TR; 1% ∆VR)
Load Life
................1,000 hours 0.5 watt @ 70°C
(3%
∆TR; 3% or 3 ohms,
whichever is greater, CRV)
Rotational Life ........................200 cycles
(4%
∆TR; 3% or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque .............................3.0 oz-in. max.
Mechanical Stops..................Wiper idles
Terminals ........................Solderable pins
Weight ........................................0.03 oz.
Marking ...........................Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Wiper ..........Positioned at 50% nominal
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool ..............................H-90
1
3 CW
CLOCKWISE
CCW
2 WIPER
10.03
(.395)
1.52
(.060)
.38
(.015)
6.40
± 1.32
(.252
± .052)
.51
± .03
(.020
± .001)
1.12
(.044)
4.83
± .13
(.190
± .005)
9.53
(.375)
1.09
(.043)
Common Dimensions
3296P
5.23
(.206)
2
3
1
3296W
2
3
1
2.41
(.095)
3296X
2
3
1
2.54
(.100)
8.26
± .64
(.325
± .025)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.41
(.095)
MIN.
DIA.
ADJ. SLOT
2.29
(.090)
.56
(.022)
.76
(.030)
WIDE
X
X
DEEP
DIA.
How To Order
3296 W - LTC - 103
Model
Style
Product Indicator
Resistance Code
Consult factory for other available options.
Resistance
Resistance
(Ohms)
Code
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
Standard Resistance Table
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
*”FLUORINERT” IS A REGISTERED TRADEMARK OF 3M CO.
Popular values listed in boldface. Special
resistances available.
NOTE: TCR through the wiper applies when 40% or more
of the resistance element is in the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com