công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RJ22FP201 bảng dữ liệu(PDF) 45 Page - Bourns Electronic Solutions

tên linh kiện RJ22FP201
Giải thích chi tiết về linh kiện  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 bảng dữ liệu(HTML) 45 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 41Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 42Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 43Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 44Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 45Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 46Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 47Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 48Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 49Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Specifications are subject to change without notice.
49
3328 - 9mm Square Trimming Potentiometer
3328P
3328W
RECOMMENDED PWB MOUNTING PATTERN
5.08
(.200)
5.08
(.200)
1.30
(.051)
DIA.
DIA.
DIA.
10.16
(.400)
RECOMMENDED PWB MOUNTING PATTERN
5.08
(.200)
1.30
(.053)
2.54
(.100)
1
3
2
CCW
CW
CLOCKWISE
WIPER
1
3
2
11.01
(.433)
5.59
(.220)
9.60
(.378)
10.41
(.410)
14.35
(.585)
4.01
(.158)
3.48
(.137)
1
2
3
5.08
(.200)
2.54
(.100)
2.54
(.100)
1.52
(.060)
1.02
(.040)
2.54
(.100)
3.61
(.142)
10.01
(.394)
5.08
(.200)
0.38
(.015)
0.15
(.006)
ADJUSTMENT ACCESSORIES
H118-1 Wheel
H118-2 Shaft
5.54
(.218)
1.19
(.047)
11.51
(.453)
9.9
(.390)
14.1
(.555)
3.7
(.146)
5.0
(.197)
0.5
(.020)
3.84
(.151)
1.98
(.019)
0.48
(.019)
4.80
(.189)
10.41
(.410)
9.60
(.378)
HEX THRU UNIT
ACROSS FLATS
2.08
(.082)
CROSS SLOT
LONG X
WIDE X
DEEP
3.05
(.120)
0.76
(.030)
0.76
(.030)
3.18
(.125)
DIA. OPTIONAL
FOR THRU
BOARD
ADJUSTMENT
DIA
ACROSS FLATS
1.98
(.078)
ACROSS
FLATS
Features
s
Single-turn / conductive plastic
s
Commercial / dust proof / fully enclosed
s
Cross slot rotor design suitable for
automatic adjustment equipment
s
Hexagon adjustment design
s
PC board stand-off and retention feature
s
Adjustable front/back, top/bottom
Electrical Characteristics
Resistance Range...........100
Ω - 5.0 MΩ
Resistance Tolerance
100
Ω - 1.0 MΩ, ± 20%
>1.0M
Ω- 5.0 MΩ, ± 30%
End Resistance .........................3% Max
Contact Resistance Variation ....3
Ω or 3%
whichever is greater
Resolution ..................................(Infinite)
Adjustment Angle ...................220°±20°
Max. Operating Voltage ................200 V
Environmental Characteristics
Power Rating ..............40°C, 0.20 Watts
Temperature Range......-25°C to + 70° C
Temperature Coefficient of Resistance
............±400 ppm , 100
Ω < TR ≤ 1 MΩ
Load Life ......1000 hours 0.20w at 40°C,
TRS ±10%
Vibration .....20 g, TRS ± 2%, VRS ± 2%
Shock .......100 g, TRS ± 2%, VRS ± 2%
Rotational Cycling ................500 cycles,
TRS ± 3%
Physical Characteristics
Torque (Operating)..............50-200 g.cm
Stop Strength ..........................550 g.cm
Terminals .......................Solderable Pins
Marking.........Manufacturer’s trademark,
resistance code and date code
Standard Packaging ...200 Pcs. per Bag
Mechanical Angle ..................250° ± 20°
Flammability..............................UL94V-0
Wiper Position ..................50% nominal
DIMENSIONS ARE:
METRIC
(INCHES)
Product Dimensions
1
3
2
CCW
CW
CLOCKWISE
WIPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com