| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L152M8T6 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152M8T6 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 134 page ![]() Pin description STM8L15xx8, STM8L15xR6 34/134 DocID17943 Rev 6 23 19 14 PE0/LCD_SEG1(3)/ TIM5_CH2 I/O FT(5) X XX HS X X Port E0 LCD segment 1/ Timer 5 channel 2 24 20 15 PE1/TIM1_CH2N /LCD_SEG2(3) I/O FT(5) X XX HS X X Port E1 Timer 1 - inverted channel 2 / LCD segment 2 25 21 16 PE2/TIM1_CH3N /LCD_SEG3(3)/ [CCO](2) I/O FT(5) X XX HS X X Port E2 Timer 1 - inverted channel 3 / LCD segment 3 / [Configurable clock output] 26 - - PE3/LCD_SEG4(3) I/O FT(5) X XX HS X X Port E3 LCD segment 4 -22 17 PE3/LCD_SEG4(3)/ USART2_RX I/O FT(5) X XX HS X X Port E3 LCD segment 4/ USART2 receive 27 - - PE4/LCD_SEG5(3)/ DAC_TRIG1 I/O FT(5) X XX HS X X Port E4 LCD segment 5/ DAC 1 trigger -23 18 PE4/LCD_SEG5(3)/ DAC_TRIG2/USART2_TX I/O FT(5) X XX HS X X Port E4 LCD segment 5/ DAC 2 trigger/ USART2 transmit 28 - - PE5/LCD_SEG6(3)/ ADC1_IN23/[COMP1_INP]/ [COMP2_INP] I/O FT(5) X XX HS X X Port E5 LCD segment 6 / ADC1_IN23/ [Comparator 1 positive input] /[Comparator 2 positive input] -24 19 PE5/LCD_SEG6(3)/ ADC1_IN23/[COMP1_INP]/ [COMP2_INP] / USART2_CK I/O FT(5) X XX HS X X Port E5 LCD segment 6 / ADC1_IN23/ [Comparator 1 positive input] / [Comparator 2 positive input] /USART2 synchronous clock -- 47 PE6/LCD_SEG26(3)/ PVD_IN/TIM5_BKIN/ USART3_TX/ [LCD_COM6](3) I/O FT(5) X XX HS X X Port E6 LCD segment 26 /PVD_IN /TIM5 break input / USART3 transmit/[LCD_COM6](3) 75 63 - PE6/LCD_SEG26(3)/ PVD_IN/TIM5_BKIN I/O FT(5) X XX HS X X Port E6 LCD segment 26 /PVD_IN /TIM5 break input 76 64 - PE7/LED_SEG27/ TIM5_ETR I/O FT(5) X XX HS X X Port E7 LCD segment 27/ TIM5 trigger Table 5. High density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |