công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8L152M8T6 bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện STM8L152M8T6
Giải thích chi tiết về linh kiện  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8T6 bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button STM8L152M8T6 Datasheet HTML 29Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 30Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 31Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 32Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 33Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 34Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 35Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 36Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 134 page
background image
DocID17943 Rev 6
33/134
STM8L15xx8, STM8L15xR6
Pin description
61
59 47
PD6/TIM1_BKIN
/LCD_SEG20(3)/
ADC1_IN8/RTC_CALIB/
[COMP1_INP]/VREFINT
I/O FT(5) X
XX HS X
X Port D6
Timer 1 - break input / LCD
segment 20 / ADC1_IN8 /
RTC calibration/[Comparator
1 positive input]/Internal
reference voltage output
--
35
PD6/TIM1_BKIN
/LCD_SEG20(3)/
ADC1_IN8/RTC_CALIB/
SPI2_SCK/[COMP1_INP]/
VREFINT
I/O FT(5) X
XX HS X
X Port D6
Timer 1 - break input / LCD
segment 20 / ADC1_IN8 /
RTC calibration/SPI2 clock/
[Comparator 1 positive
input]/Internal reference
voltage output
60 48
-
PD7/TIM1_CH1N
/LCD_SEG21(3)/
ADC1_IN7/RTC_ALARM/
[COMP1_INP]/VREFINT
I/O FT(5) X
XX HS X
X Port D7
Timer 1 - inverted channel 1/
LCD segment 21 /
ADC1_IN7 / RTC
alarm/[Comparator 1
positive input]/Internal
reference voltage output
--
36
PD7/TIM1_CH1N
/LCD_SEG21(3)/
ADC1_IN7/RTC_ALARM
/SPI2_NSS/[COMP1_INP]/
VREFINT
I/O FT(5) X
XX HS X
X Port D7
Timer 1 - inverted channel 1/
LCD segment 21 /
ADC1_IN7 / RTC alarm
/SPI2 master/slave
select/[Comparator 1
positive input]/Internal
reference voltage output
61 49
-
PG4/LCD_SEG32/
SPI2_NSS
I/O FT(5) X
XX HS X
X Port G4
LCD segment 32 /
SPI2 master/slave select
62 50
-
PG5/LCD_SEG33/
SPI2_SCK
I/O FT(5) X
XX HS X
X Port G5
LCD segment 33 /
SPI2 clock
63 51
-
PG6/LCD_SEG34/
SPI2_MOSI
I/O FT(5) X
XX HS X
X Port G6
LCD segment 34 /
SPI2 master out- slave in
64 52
-
PG7/LCD_SEG35/
SPI2_MISO
I/O FT(5) X
XX HS X
X Port G7
LCD segment 35 /
SPI2 master in- slave out
Table 5. High density and medium+ density STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More