công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3635NF2 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 3635NF2
Giải thích chi tiết về linh kiện  Sealed toggle switches for outdoor applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

3635NF2 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  3635NF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3635NF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3635NF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APEM
www.apem.com
A-115
3600NF series
Sealed toggle switches for outdoor applications
Distinctive features and specifications
A
❑ Sealing obtained by :
- O-ring between lever and bushing
- half-length boot and nylon washer (supplied mounted)
- elastomer gasket between cover and case
- molded-in terminal inserts
- sealing washer U60
❑ Solid silver contacts
❑ UL approved
MATERIALS
• Case : phenolic resin
• Actuator : brass, nickel plated
• Bushing : brass, nickel plated
• Contacts : solid silver
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load : 12A 28VDC - 6A 250VAC
• Initial contact resistance : 10 mΩ max. at 1A 2VDC
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength :
2.500 Vrms 50 Hz min. between terminals
3.000 Vrms 50 Hz min. between terminals and frame
• Electrical life : 10.000 cycles at full load
GENERAL SPECIFICATIONS
• Torque : 1,50 Nm (1.10 Ft.lb) max. applied to nut
• Panel thickness : 2 mm (.079) max. with all accessories
• Operating temperature : -40°C to +85°C
AGENCY APPROVAL
Availability
: consult factory for
details or approved models.
Marking
: to order switches
marked UL, complete last box of
ordering format.
Dimensions
: first dimensions are in mm while inches are shown as bracketted numbers.
ABOUT THIS SERIES
Mounting accessories
: 1 sealing boot U1151, 1 hex nut U166, 1 nylon washer U21 and 1 sealing washer U60. See section I.
Packaging unit
: 25 pieces per type and colour.


Số phần tương tự - 3635NF2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Heyco.
3635 HEYCO-3635 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
TE Connectivity Ltd
3635 TEC-3635 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Adafruit Industries
3635 ADAFRUIT-3635 Datasheet
310Kb / 2P
Adafruit NeoPixel LED Side Light Strip ‐ Black 90 LED
12-8-17
logo
List of Unclassifed Man...
36350 ETC2-36350 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
3M Electronics
36350 3M-36350 Datasheet
319Kb / 5P
Precision Poly Tape
More results

Mô tả tương tự - 3635NF2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
Sealed Subminiature Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
Sealed Miniature Toggle Switches
logo
Honeywell Accelerometer...
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
Sealed Toggle Switches
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
Sealed Toggle Switches
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com