| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W25Q40BLSVIP bảng dữ liệu(PDF) 52 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W25Q40BLSVIP bảng dữ liệu(HTML) 52 Page - Winbond |
|
52 / 74 page ![]() W25Q40BL - 52 - 7.2.34 Read Unique ID Number (4Bh) The Read Unique ID Number instruction accesses a factory-set read-only 64-bit number that is unique to each W25Q40BL device. The ID number can be used in conjunction with user software methods to help prevent copying or cloning of a system. The Read Unique ID instruction is initiated by driving the /CS pin low and shifting the instruction code “4Bh” followed by a four bytes of dummy clocks. After which, the 64- bit ID is shifted out on the falling edge of CLK as shown in figure 32. 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 101 102 103 DO 63 62 61 60 59 2 1 0 * *=MSB DO 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 101 102 103 DO 63 62 61 60 59 2 1 0 * *=MSB DO Figure 32. Read Unique ID Number Instruction Sequence |