| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM85C30 bảng dữ liệu(PDF) 194 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 bảng dữ liệu(HTML) 194 Page - Advanced Micro Devices |
|
194 / 194 page ![]() SCC Application Notes AMD 7–45 for(i=0; i < num; i++)/*process the loop until all char are received*/ { rx = 0; while(rx==0) { temp = inportb(aport);/*load RR0 to check for rec. char available*/ rx = temp & 0x01; } *ptr = inportb(aportd);/*Input a char from the rec. FIFO*/ ptr++; } ptr = ptr – num; /*Restore inital value of pointer*/ } /*RECEIVE LENGTH OG FILE ASYNCHRONOUSLY AT 19.2 kBaud*/ recnum() { unsigned char temp, rx; unsigned int i, count; for(i=0; i < 0x03; i++)/*process the loop until all char are received*/ { rx = 0; while(rx==0) { temp = inportb(aport);/*load RR0 to check for rec. char available*/ rx = temp & 0x01; } *ptr = inportb(aportd);/*Input a char from the rec. FIFO*/ ptr++; } ptr = ptr – 0x03; ; .................................................................. ............ |