| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM85C30 bảng dữ liệu(PDF) 193 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 bảng dữ liệu(HTML) 193 Page - Advanced Micro Devices |
|
193 / 194 page ![]() SCC Application Notes AMD 7–44 inportb(port); outportb(port, 0x01); temp = inportb(port); while(count<300) { count++; } ef = temp & 0x80; } } /*THIS ROUTINE LOADS THE LENGTH OF THE FILE TO BE RECEIVED*/ length() { unsigned int *iptr; ptr++; iptr = ptr; /*assigns iptr as an address of a 16–bit integer*/ num = *iptr; } /*THIS ROUTINE INITIALIZES THE 8530 FOR ASYNC. RECEIVE*/ asccinit() { unsigned char array[arraysiz], temp; unsigned int =i=0; array[0]=0x9; array[1]=0xC0; /*hardware reset*/ array[2]=0x4; array[3]=0x44; /*X16 clock, 1 stop bits*/ array[4]=0x3; array[5]=0xE0; /*8 bits/character*/ array[6]=0x5; array[7]=0x60; /*8 bits/character*/ array[8]=0xB; array[9]=0x56; /*RxC = BR gen, TxC = BR gen, TRxCout = BR*/ array[10]=0xC; array[11]=0x06; /*set BR gen for 19.2 kBaud*/ array[12]=0xD; array[13]=0x00; array[14]=0xE; array[15]=0x03; /*set DTR/REQ, enable BR gen, PCLK = BR source*/ array[16]=0x3; array[17]=0xE1; /*enable receiver*/ temp = inportb(aport); /*Read from RR0 to set up state machine*/ while(i<arraysiz) { outportb(aport, array[i++]); } } /*RECEIVE FILE ASYNCHRONOUSLY AT 19.2 kBaud*/ recfile() { unsigned char temp, rx; unsigned int i, count; rx = 0; temp = 0; |