công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C985JC bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices

tên linh kiện AM79C985JC
Giải thích chi tiết về linh kiện  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 5Page - Advanced Micro Devices AM79C985JC Datasheet HTML 6Page - Advanced Micro Devices AM79C985JC Datasheet HTML 7Page - Advanced Micro Devices AM79C985JC Datasheet HTML 8Page - Advanced Micro Devices AM79C985JC Datasheet HTML 9Page - Advanced Micro Devices AM79C985JC Datasheet HTML 10Page - Advanced Micro Devices AM79C985JC Datasheet HTML 11Page - Advanced Micro Devices AM79C985JC Datasheet HTML 12Page - Advanced Micro Devices AM79C985JC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Am79C985
9
PRELIMINARY
LOGIC SYMBOL
LOGIC DIAGRAM
DO+
DO–
DI+
DI–
CI+
CI–
SCLK
CLK
AMODE
RST
DV
SS
AV
SS
TXD+
TXD–
RXD+
RXD–
V
DD
Am79C985
AUI
Twisted Pair
Ports
(4 Ports)
JAM
DAT
ACK
COL
SELI[1:0]
SELO
Expansion
Port
Test and
Management
Port
SI
SO
LED
Interface
LDA[4:0], LDB[4:0]
LDGA, LDGB
LDC[2:0]
ACT[7:0]
STR
CRS_I
CRS
SI_D
20651B-4
AUI
Control
Port
Expansion
Port
Twisted Pair
Port 0
Twisted Pair
Port 3
Repeater
State
Machine
LED
Port
20651B-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48