công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C985JC bảng dữ liệu(PDF) 3 Page - Advanced Micro Devices

tên linh kiện AM79C985JC
Giải thích chi tiết về linh kiện  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC bảng dữ liệu(HTML) 3 Page - Advanced Micro Devices

  AM79C985JC Datasheet HTML 1Page - Advanced Micro Devices AM79C985JC Datasheet HTML 2Page - Advanced Micro Devices AM79C985JC Datasheet HTML 3Page - Advanced Micro Devices AM79C985JC Datasheet HTML 4Page - Advanced Micro Devices AM79C985JC Datasheet HTML 5Page - Advanced Micro Devices AM79C985JC Datasheet HTML 6Page - Advanced Micro Devices AM79C985JC Datasheet HTML 7Page - Advanced Micro Devices AM79C985JC Datasheet HTML 8Page - Advanced Micro Devices AM79C985JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Am79C985
3
PRELIMINARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am79C985
enhanced Integrated Multiport Repeater Plus (eIMR+)
TEMPERATURE RANGE
C = Commercial (0˚C to +70˚C)
ALTERNATE PACKAGING OPTION
\W = Trimmed and formed in a tray
PACKAGE TYPE
J = 84-Pin Plastic Leaded Chip Carrier (PL 084)
K = 100-Pin Plastic Quad Flat Pack (PQR100)
Am79C985
C
J
SPEED OPTION
Not Applicable
\W
Valid Combinations
Am79C985
JC, KC\W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48