công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C971VCW bảng dữ liệu(PDF) 5 Page - Advanced Micro Devices

tên linh kiện AM79C971VCW
Giải thích chi tiết về linh kiện  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW bảng dữ liệu(HTML) 5 Page - Advanced Micro Devices

  AM79C971VCW Datasheet HTML 1Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 2Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 3Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 4Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 5Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 6Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 7Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 8Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 265 page
background image
Am79C971
5
BLOCK DIAGRAM
FIFO
Control
PCI Bus
Interface
Unit
XTAL1
XTAL2
RXD[3:0]
RX_ER
RX_CLK
RX_DV
CRS
MDC
MDIO
MII
Port
JTAG
Port
Control
SRDCLK
SRD
EAR
EADI
Port
SF/BD
TXD+/-
RXD+/-
LED3
10BASE-T
MAU
DO+/-
DI+/-
CI+/-
Manchester
Encoder/
Decoder
(PLS) &
AUI Port
802.3
MAC
Core
LED0
LED1
LED2
LED
Control
EECS
EESK
EEDI
EEDO
93C46
EEPROM
Interface
TCK
TMS
TDO
TDI
Buffer
Management
Unit
COL
TXD[3:0]
TX_EN
TX_E
TX_CLK
Expansion Bus Interface
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EROMCS
ERAMCS
AS_EBOE
EBWE
EBCLK
Bus
Rcv
FIFO
MAC
Rcv
FIFO
Bus
Xmt
FIFO
MAC
Xmt
FIFO
TXP+/-
CLK
RST
AD[31:00]
C/BE[3:0]
PAR
FRAME
TRDY
IRDY
STOP
IDSEL
DEVSEL
REQ
GNT
PERR
SERR
INTA
SLEEP
TXEN
TXCLK
TXDAT
RXEN
RXCLK
RXDAT
CLSN
GPSI
Port
RXFRTGE/MIIRXFRTGE
RXFRTGD/MIIRXFRTGD
Auto
Negotiation
Network
Port
Manager
20550D-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More