công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C971VCW bảng dữ liệu(PDF) 226 Page - Advanced Micro Devices

tên linh kiện AM79C971VCW
Giải thích chi tiết về linh kiện  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW bảng dữ liệu(HTML) 226 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 222Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 223Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 224Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 225Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 226Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 227Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 228Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 229Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 230Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 265 page
background image
226
Am79C971
SWITCHING WAVEFORMS: GENERAL-PURPOSE SERIAL INTERFACE
Figure 89.
Transmit Timing
Figure 90.
Receive Timing
tGPT3
tGPT2
tGPT3
tGPT3
tGPT5
tGPT4
tGPT6
tGPT7
tGPT5
tGPT8
tGPT1
(First Bit Preamble)
(Last Bit)
Transmit
Clock
(TXCLK)
Transmit
Data
(TXDAT)
Transmit
Enable
(TXEN)
Carrier
Present
(RXEN)
(Note 1)
Collision
(CLSN)
(Note 2)
Notes:
1. If RXCRS is not present during transmission, LCAR bit in TMD2 will be set.
2. If CLSN is not present during or shortly after transmission, CERR in CSR0 will be set.
20550D-92
tGPR11
tGPR8 tGPR9
tGPR2
tGPR3
tGPR4
tGPR4
tGPR5
tGPR5
tGPR5
tGPR12
tGPR1
tGPR7
(No Collision)
(First Bit Preamble)
(Address Type Designation Bit) (Last Bit)
Receive
Clock
(RXCLK)
Receive
Data
(RXDAT)
Carrier
Present
(RXEN)
Collision
(CLSN),
Active
Collision
(CLSN),
Inactive
tGPR10
20550D-93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More