| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM7992BJCB bảng dữ liệu(PDF) 4 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7992BJCB bảng dữ liệu(HTML) 4 Page - Advanced Micro Devices |
|
4 / 27 page ![]() 4 Am7992B PIN DESCRIPTION CLSN Collision (Output, TTL Active HIGH) Signals at the Collision ± terminals meeting threshold and pulse-width requirements will produce a logic HIGH at CLSN output. When no signal is present at Collision ±, CLSN output will be LOW. RX Receive Data (Output) A MOS/TTL output, recovered data. When there is no signal at Receive ± and TEST is HIGH, RX is HIGH. RX is actuated with RCLK and remains active until RENA is deasserted at the end of the message. During recep- tion, RX is synchronous with RCLK and changes after the rising edge of RCLK. When TEST is LOW, RX is enabled. RENA Receive Enable (Output, TTL Active HIGH) When there is no signal at Receive+, RENA is LOW. Signals meeting threshold and pulse-width “on” re- quirements will produce a logic HIGH at RENA. When RENA is HIGH, Receive+ signals meeting threshold and pulse-width “off” requirements will produce a LOW at RENA. RCLK Receive Clock (Output) A MOS/TTL output, recovered clock. When there is no signal at Receive ± and TEST is HIGH, RCLK is LOW. RCLK is activated 1/4 bit time after the second negative Manchester preamble clock transition at Receive ± and remains active until after an end of message. When TEST is LOW, RCLK is enabled and meets minimum pulse-width specifications. TX Transmit (Input) TTL-compatible input. When TENA is HIGH, signals at TX meeting setup and hold time to TCLK will be encoded as normal Manchester at Transmit+ and Transmit–. s TX HIGH: Transmit+ is negative with respect to Transmit– for first half of data bit cell. s TX LOW: Transmit+ is positive with respect to Transmit– for first half of data bit cell. TENA Transmit Enable (Input) TTL-compatible input. Active HIGH data encoder enable. Signals meeting setup and hold time to TCLK will allow encoding of Manchester data from TX to Transmit+ and Transmit–. TCLK Transmit Clock (Output) MOS/TTL output. TCLK provides symmetrical HIGH and LOW clock signals at data rate for reference timing of data to be encoded. It also provides clock signals for the controller chip (Am7990—LANCE) and an internal timing reference for receive path voltage-controlled oscillators. Transmit+, Transmit– Transmit (Outputs) A differential line output. This line pair is intended to op- erate into terminated transmission lines. For signals meeting setup and hold time to TCLK at TENA and TX, Manchester clock and data are outputted at Transmit+/ Transmit–. When operating into a 78 Ω terminated transmission line, signaling meets the required output levels and skew for both Ethernet and IEEE 802.3 drop cables. Receive+, Receive– Receiver (Inputs) A differential input. A pair of internally biased line re- ceivers consisting of a carrier detect receiver with offset threshold and noise filtering to detect the line activity, and a data recover y receiver with no offset for Manchester data decoding. Collision+, Collision– Collision (Inputs) A differential input. An internally biased line receiver input with offset threshold and noise filtering. Signals at Collision ± have no effect on data-path functions. TSEL Transmit Mode Select (Output, Open Collector; Input, Sense Amplifier) s TSEL LOW: Idle transmit state Transmit+ is positive with respect to Transmit–. s TSEL HIGH: Idle transmit state Transmit+ and Transmit– are equal, providing “zero” differential to operate transformer-coupled loads. When connected with an RC network, TSEL is held LOW during transmission. At the end of transmission the open collector output is disabled, allowing TSEL to rise and provide a smooth transmission from logic HIGH to “zero” differential idle. Delay and output return to zero are externally controlled by the RC network at TSEL and Transmit ± load inductance. |