| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM7992BJCB bảng dữ liệu(PDF) 3 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7992BJCB bảng dữ liệu(HTML) 3 Page - Advanced Micro Devices |
|
3 / 27 page ![]() Am7992B 3 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed by a combination of the elements below. Valid Combinations Valid combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. AM7992B D C DEVICE NUMBER/DESCRIPTION Am7992B Serial Interface Adapter OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In OPERATING CONDITIONS C = Commercial (0 °C to +70°C) PACKAGE TYPE D = 24-Pin (Slim) Ceramic DIP (CD3024) J = 28-Pin PLCC (PL 028) P = 24-Pin (Slim) Plastic DIP (PD3024) SPEED Not Applicable B Valid Combinations AM7992B DC, DCB, JC, JCTR, PC |